Electronic Components Datasheet Search
  English  ▼

X  

BZB784 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZB784
Description  Voltage regulator double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZB784 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZB784 Datasheet HTML 1Page - NXP Semiconductors BZB784 Datasheet HTML 2Page - NXP Semiconductors BZB784 Datasheet HTML 3Page - NXP Semiconductors BZB784 Datasheet HTML 4Page - NXP Semiconductors BZB784 Datasheet HTML 5Page - NXP Semiconductors BZB784 Datasheet HTML 6Page - NXP Semiconductors BZB784 Datasheet HTML 7Page - NXP Semiconductors BZB784 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Feb 27
3
Philips Semiconductors
Product specification
Voltage regulator double diodes
BZB784 series
THERMAL CHARACTERISTICS
Notes
1. Solder points on cathode tabs.
2. Device mounted on a FR4 printed-circuit board.
ELECTRICAL CHARACTERISTICS
Total BZB784-C series
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
2 diodes loaded; note 1
140
K/W
1 diode loaded; note 1
265
K/W
Rth j-a
thermal resistance from junction to ambient
2 diodes loaded; note 2
355
K/W
1 diode loaded; note 2
680
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.2
0.9
V
IR
reverse current
BZB784-C2V4
VR =1V
50
µA
BZB784-C2V7
VR =1V
20
µA
BZB784-C3V0
VR =1V
10
µA
BZB784-C3V3
VR =1V
5
µA
BZB784-C3V6
VR =1V
5
µA
BZB784-C3V9
VR =1V
3
µA
BZB784-C4V3
VR =1V
3
µA
BZB784-C4V7
VR =2V
3
µA
BZB784-C5V1
VR =2V
2
µA
BZB784-C5V6
VR =2V
1
µA
BZB784-C6V2
VR =4V
3
µA
BZB784-C6V8
VR =4V
2
µA
BZB784-C7V5
VR =5V
1
µA
BZB784-C8V2
VR = 5 V
700
nA
BZB784-C9V1
VR = 6 V
500
nA
BZB784-C10
VR = 7 V
200
nA
BZB784-C11
VR = 8 V
100
nA
BZB784-C12
VR = 8 V
100
nA
BZB784-C13
VR = 8 V
100
nA
BZB784-C15
VR = 10.5V
50
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com