Electronic Components Datasheet Search
  English  ▼

X  

IM810C Datasheet(PDF) 3 Page - ILSI America LLC

Part # IM810C
Description  MEMS Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM810C Datasheet(HTML) 3 Page - ILSI America LLC

  IM810C Datasheet HTML 1Page - ILSI America LLC IM810C Datasheet HTML 2Page - ILSI America LLC IM810C Datasheet HTML 3Page - ILSI America LLC IM810C Datasheet HTML 4Page - ILSI America LLC IM810C Datasheet HTML 5Page - ILSI America LLC IM810C Datasheet HTML 6Page - ILSI America LLC IM810C Datasheet HTML 7Page - ILSI America LLC IM810C Datasheet HTML 8Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM810 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 3 of 8
Performance Plots:
Figure 2: Idd vs Frequency
Figure 3: RMS Period vs Frequency
Figure 4: Duty Cycle vs Frequency
Figure 5: RMS Phase Jitter vs Frequency
Figure 6: Idd vs Temperature, 10 MHz Output
Firgure 7: Rise Time vs Temperature, 75 MHz Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com