Electronic Components Datasheet Search
  English  ▼

X  

IM810C Datasheet(PDF) 6 Page - ILSI America LLC

Part # IM810C
Description  MEMS Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM810C Datasheet(HTML) 6 Page - ILSI America LLC

  IM810C Datasheet HTML 1Page - ILSI America LLC IM810C Datasheet HTML 2Page - ILSI America LLC IM810C Datasheet HTML 3Page - ILSI America LLC IM810C Datasheet HTML 4Page - ILSI America LLC IM810C Datasheet HTML 5Page - ILSI America LLC IM810C Datasheet HTML 6Page - ILSI America LLC IM810C Datasheet HTML 7Page - ILSI America LLC IM810C Datasheet HTML 8Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM810 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 6 of 8
Selectable Drive Strength Options
Rise/Fall Time (20% to 80%) vs CLOAD Tables
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pF
L
12.45
17.68
19.48
46.21
57.82
A
6.50
10.27
16.21
23.92
30.76
R
4.38
7.05
11.61
16.17
20.83
B
3.27
5.30
8.89
12.18
15.75
S
2.62
4.25
7.20
9.81
12.65
D
2.19
3.52
6.00
8.31
10.59
T
1.76
3.01
5.14
7.10
9.15
E
1.59
2.59
4.49
6.25
7.98
U
1.49
2.28
3.96
5.55
7.15
F
1.22
2.10
3.57
5.00
6.46
W
1.07
1.88
3.23
4.50
5.87
G
1.01
1.64
2.96
4.12
5.40
X
0.96
1.50
2.74
3.80
4.98
K
0.92
1.41
2.56
3.52
4.64
Y
0.88
1.34
2.39
3.25
4.32
Q
0.86
1.29
2.24
3.04
4.06
- = Default
0.82
1.24
2.07
2.89
3.82
M
0.77
1.20
1.94
2.72
3.61
N
0.66
1.15
1.84
2.58
3.41
P
0.51
1.09
1.76
2.45
3.24
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15
pF
30 pF
45 pF
60 pF
L
8.68
13.59
18.36
32.70
42.06
A
4.42
7.18
11.93
16.60
21.38
R
2.93
4.78
8.15
11.19
14.59
B
2.21
3.57
6.19
8.55
11.04
S
1.67
2.87
4.94
6.85
8.80
D
1.50
2.33
4.11
5.68
7.33
T
1.06
2.04
3.50
4.84
6.26
E
0.98
1.69
3.03
4.20
5.51
U
0.93
1.48
2.69
3.73
4.92
F
0.90
1.37
2.44
3.34
4.42
W
0.87
1.29
2.21
3.04
4.02
- = Default
0.67
1.20
2.00
2.79
3.69
X
0.44
1.10
1.86
2.56
3.43
K
0.38
0.99
1.76
2.37
3.18
Y
0.36
0.83
1.66
2.20
2.98
Q
0.34
0.71
1.58
2.07
2.80
Z
0.33
0.65
1.51
1.95
2.65
M
0.32
0.62
1.44
1.85
2.50
N
0.31
0.59
1.37
1.77
2.39
P
0.30
0.57
1.29
1.70
2.28
Table 1: Vdd = +1.8 V Rise/Fall time for Specific CLOAD
Table 2: Vdd = +2.5 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pF
L
7.93
12.69
17.94
30.10
38.89
A
4.06
6.66
11.04
15.31
19.80
R
2.68
4.40
7.53
10.29
13.37
B
2.00
3.25
5.66
7.84
10.11
S
1.59
2.57
4.54
6.27
8.07
D
1.19
2.14
3.76
5.21
6.72
T
1.00
1.79
3.20
4.43
5.77
E
0.94
1.51
2.78
3.84
5.06
U
0.90
1.38
2.48
3.40
4.50
F
0.87
1.29
2.21
3.03
4.05
W
0.62
1.19
1.99
2.76
3.68
- = Default
0.41
1.08
1.84
2.52
3.36
X
0.37
0.96
1.72
2.33
3.15
K
0.35
0.78
1.63
2.15
2.92
Y
0.33
0.67
1.54
2.00
2.75
Q
0.32
0.63
1.46
1.89
2.57
Z
0.31
0.60
1.39
1.80
2.43
M
0.30
0.57
1.31
1.72
2.30
N
0.30
0.56
1.22
1.63
2.22
P
0.29
0.54
1.13
1.55
2.13
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pF
L
7.18
11.59
17.24
27.57
35.57
A
3.61
6.02
10.19
13.98
18.10
R
2.31
3.95
6.88
9.42
12.24
B
1.65
2.92
5.12
7.10
9.17
S
1.43
2.26
4.09
5.66
7.34
D
1.01
1.91
3.38
4.69
6.14
T
0.94
1.51
2.86
3.97
5.25
E
0.90
1.36
2.50
3.46
4.58
U
0.86
1.25
2.21
3.03
4.07
- = Default
0.48
1.15
1.95
2.72
3.65
W
0.38
1.04
1.77
2.47
3.31
G
0.36
0.87
1.66
2.23
3.03
X
0.34
0.70
1.56
2.04
2.80
K
0.33
0.63
1.48
1.89
2.61
Y
0.32
0.60
1.40
1.79
2.43
Q
0.32
0.58
1.31
1.69
2.28
Z
0.30
0.56
1.22
1.62
2.17
M
0.30
0.55
1.12
1.54
2.07
N
0.30
0.54
1.02
1.47
1.97
P
0.29
0.52
0.95
1.41
1.90
Table 3: Vdd = +2.8 V Rise/Fall time for Specific CLOAD
Table 4: Vdd= +3.0 V Rise/Fall time for Specific CLOAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com