Electronic Components Datasheet Search
  English  ▼

X  

IM830B Datasheet(PDF) 7 Page - ILSI America LLC

Part # IM830B
Description  Pb-free, RoHS and REACH compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM830B Datasheet(HTML) 7 Page - ILSI America LLC

  IM830B Datasheet HTML 1Page - ILSI America LLC IM830B Datasheet HTML 2Page - ILSI America LLC IM830B Datasheet HTML 3Page - ILSI America LLC IM830B Datasheet HTML 4Page - ILSI America LLC IM830B Datasheet HTML 5Page - ILSI America LLC IM830B Datasheet HTML 6Page - ILSI America LLC IM830B Datasheet HTML 7Page - ILSI America LLC IM830B Datasheet HTML 8Page - ILSI America LLC IM830B Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 7 of 9
Selectable Drive Strength Options
Rise/Fall Time (20% to 80%) vs CLOAD Tables
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
6.16
11.61
22.00
31.27
39.91
A
3.19
6.35
11.00
16.01
21.52
R
2.11
4.31
7.65
10.77
14.47
B
1.65
3.23
5.79
8.18
11.08
T
0.93
1.91
3.32
4.66
6.48
E
0.78
1.66
2.94
4.09
5.74
U
0.70
1.48
2.64
3.68
5.09
- = Default
0.65
1.30
2.40
3.35
4.56
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
4.13
8.25
12.82
21.45
27.79
A
2.11
4.27
7.64
11.20
14.49
R
1.45
2.81
5.16
7.65
9.88
B
1.09
2.20
3.88
5.86
7.57
T
0.62
1.28
2.27
3.51
4.45
- = Default
0.54
1.00
2.01
3.10
4.01
U
0.43
0.96
1.81
2.79
3.65
F
0.34
0.88
1.64
2.54
3.32
Table 2: Vdd = +1.8 V Rise/Fall time for Specific CLOAD
Table 3: Vdd = +2.5 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
3.77
7.54
12.28
19.57
25.27
A
1.94
3.90
7.03
10.24
13.34
R
1.29
2.57
4.72
7.01
9.06
B
0.97
2.00
3.54
5.43
6.93
T
0.55
1.12
2.08
3.22
4.08
- = Default
0.44
1.00
1.83
2.82
3.67
U
0.34
0.88
1.64
2.52
3.30
F
0.29
0.81
1.48
2.29
2.99
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
3.60
7.21
11.97
18.74
24.30
A
1.84
3.71
6.72
9.86
12.68
R
1.22
2.46
4.54
6.76
8.62
B
0.89
1.92
3.39
5.20
6.64
- = Default
0.51
1.00
1.97
3.07
3.90
E
0.38
0.92
1.72
2.71
3.51
U
0.30
0.83
1.55
2.40
3.13
F
0.27
0.76
1.39
2.16
2.85
Table 4: Vdd = +2.8 V Rise/Fall time for Specific CLOAD
Table 5: Vdd= +3.0 V Rise/Fall time for Specific CLOAD
Rise/Fall Time Typ (nS)
Drive Strength
(CLOAD)
5 pF
15 pF
30 pF
45 pF
60 pf
L
3.39
6.88
11.63
17.56
23.59
A
1.74
3.50
6.38
8.98
12.19
R
1.16
2.33
4.29
6.04
8.34
B
0.81
1.82
3.22
4.52
6.33
- = Default
0.46
1.00
1.86
2.60
3.84
E
0.33
0.87
1.64
2.30
3.35
U
0.28
0.79
1.46
2.05
2.93
F
0.25
0.72
1.31
1.83
2.61
Table 6: Vdd = +3.3 V Rise/Fall time for Specific CLOAD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com