Electronic Components Datasheet Search
  English  ▼

X  

IM830B Datasheet(PDF) 8 Page - ILSI America LLC

Part # IM830B
Description  Pb-free, RoHS and REACH compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IM830B Datasheet(HTML) 8 Page - ILSI America LLC

  IM830B Datasheet HTML 1Page - ILSI America LLC IM830B Datasheet HTML 2Page - ILSI America LLC IM830B Datasheet HTML 3Page - ILSI America LLC IM830B Datasheet HTML 4Page - ILSI America LLC IM830B Datasheet HTML 5Page - ILSI America LLC IM830B Datasheet HTML 6Page - ILSI America LLC IM830B Datasheet HTML 7Page - ILSI America LLC IM830B Datasheet HTML 8Page - ILSI America LLC IM830B Datasheet HTML 9Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 8 of 9
Mechanical Details:
Package Dimensions and Suggest Land Pattern
Marking
5.00 ±0.05
3.20 ±0.05 0.80
2.39
1.15
1.1
0.80 max
2.54
2.20
1.5
1.6
Option B: 5.00 x 3.20 X 0.80 Package
3
4
2
1
Bottom View
3
Marking
3.20 ±0.05
2.50±0.05 0.90
2.1
0.9
0.7
0.80 max
Bottom View
2.20
1.90
1.4
1.2
Option C: 3.20 x 2.50 x 0.80 Package
4
2
1
Marking
2.50 ±0.05
2.00 ±0.05 1.10
1.00
0.75
0.5
0.80 max
Bottom View
1.90
1.50
1.1
1.0
Option D: 2.50 x 2.00 x 0.80 Package
21
34
1
2
4
3
Marking
2.00 ±0.05
1.60 ±0.05 0.93
1.23
0.68
0.48
0.80 max
Bottom View
1.50
1.20
0.9
0.8
Option E: 2.00 x 1.60 x 0.80 Package
Suggested Land Pattern
Suggested Land Pattern
Suggested Land Pattern
Suggested Land Pattern
Marking
Line 1 = XXXXX (Lot code)
Dot to denote Pin 1 location
Package Information
Leadframe: C194
Plating: NiPdAu



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com