Electronic Components Datasheet Search
  English  ▼

X  

PTH12020L Datasheet(PDF) 4 Page - Artesyn Technologies

Part # PTH12020L
Description  Embedded Power for Business-Critical Continuity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12020L Datasheet(HTML) 4 Page - Artesyn Technologies

  PTH12020L Datasheet HTML 1Page - Artesyn Technologies PTH12020L Datasheet HTML 2Page - Artesyn Technologies PTH12020L Datasheet HTML 3Page - Artesyn Technologies PTH12020L Datasheet HTML 4Page - Artesyn Technologies PTH12020L Datasheet HTML 5Page - Artesyn Technologies PTH12020L Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev.08.11.11_166
PTH12020Series
4of6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
PTH12020WCharacteristicData
Figure 2 - Safe Operating Area
Vin = 12 V, Output Voltage = 3.3 V (See Note A)
Figure 1 - Safe Operating Area
Vin = 12 V, Output Voltage = 5 V (See Note A)
Figure 4 - Efficiency vs Load Current
Vin = 12 V (See Note B)
Figure 3 - Safe Operating Area
Vin = 12 V, Output Voltage ≤ 1.8 V (See Note A)
Figure 5 - Standard Application
Notes
A SOAcurvesrepresenttheconditionsatwhichinternalcomponentsarewithin
theEmersonNetworkPowerderatingguidelines.
B Characteristicdatahasbeendevelopedfromactualproductstestedat25°C.
Thisdataisconsideredtypicaldatafortheconverter.
20
30
40
50
60
80
Nat Conv
100 LFM
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
02
46
810121416 18
20
30
40
50
60
80
Nat Conv
100 LFM
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
02
46
81012141618
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
40
50
60
70
80
90
100
02
46
810121416
Vout
18
20
30
40
50
60
80
Nat Conv
100 LFM
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
02
46
810121416 18
Track
8
9
10
PTH12020
(Top View)
Margin Up
Margin Down
5
4
3
6
7
2
1
GND
GND
L
O
A
D
Cin560F
(Required)
+
Vin
Inhibit
Cout330F
(Optional)
+
RSET 1%, 0.1W
(Required)
Vout
Vo Sense



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com