Electronic Components Datasheet Search
  English  ▼

X  

PTH12020L Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH12020L
Description  Embedded Power for Business-Critical Continuity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH12020L Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH12020L Datasheet HTML 1Page - Artesyn Technologies PTH12020L Datasheet HTML 2Page - Artesyn Technologies PTH12020L Datasheet HTML 3Page - Artesyn Technologies PTH12020L Datasheet HTML 4Page - Artesyn Technologies PTH12020L Datasheet HTML 5Page - Artesyn Technologies PTH12020L Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev.08.11.11_166
PTH12020Series
3of6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
PTH12020WAST
Part Number System with Options
Product Family
PointofLoadAlliance
Compatible
Theultra-wideoutputvoltagetrimrangeoffersmajoradvantagestouserswho
selectthePTH12020.Itisnolongernecessarytopurchaseavarietyofmodulesin
ordertocoverdifferentoutputvoltages.Theoutputvoltagecanbetrimmedina
rangeof1.2Vdcto5.5Vdc.WhenthePTH12020converterleavesthefactorythe
outputhasbeenadjustedtothedefaultvoltageof1.2V.
Output Voltage Adjustment of the PTH12020 Series
Output Current
02=18A
Packaging Options
NoSuffix=Trays
T=TapeandReel(7)
Input Voltage
12=12V
Mechanical Package
Always0
Output Voltage Code
W=Wide,L=LowVoltage
Pin Option
A=Through-HoleStd.PinLength(0.140”)
A=Surface-MountTin/LeadSolderBall
Mounting Option (8)
D=HorizontalThrough-Hole(RoHS6/6)
H= HorizontalThrough-Hole(RoHS5/6)
S= Surface-MountSolderBall(RoHS5/6)
Z= Surface-MountSolderBall(RoHS6/6)
OrderingInformation
OutputPower
(max)
Input
Voltage
Output
Voltage
OutputCurrents
Efficiency
(max)
Regulation
ModelNumbers(8,9)
Min
Max
Line
Load
99W
10.8-13.2Vdc
0.8-1.8Vdc
0A
18A
89%
±5mV
±5mV
PTH12020L
99W
10.8-13.2Vdc
1.2-5.5Vdc
0A
18A
95%
±5mV
±5mV
PTH12020W
EfficiencyTable-PTH12020W(IO=18A)
OutputVoltage
Efficiency
Vo=5.0V
95%
Vo=3.3V
93%
Vo=2.5V
92%
Vo=1.8V
90%
Vo=1.5V
88%
Vo=1.2V
86%
EfficiencyTable-PTH12020L(IO=18A)
OutputVoltage
Efficiency
Vo=1.8V
89%
Vo=1.5V
87%
Vo=1.2V
85%
Vo=1.0V
83%
Vo=0.8V
80%
Notes
1 RemoteON/OFF.PositiveLogic
ON:
Pin3open;orV>Vin-0.5V
OFF:
Pin3GND;orV<0.8V(min-0.2V).
2 SeeFigures1,2and3forsafeoperatingcurves.
3 A560µFelectrolyticinputcapacitorisrequiredforproperoperation.The
capacitormustberatedforaminimumof800mArmsofripplecurrent.
4 Anexternaloutputcapacitorisnotrequiredforbasicoperation.Adding330
µFofdistributedcapacitanceattheloadwillimprovethetransientresponse.
5 1A/µsloadstep,50to100%Iomax,Cout=330µF.
6 IfutilizedVoutwilltrackappliedvoltageby±0.3V(uptoVosetpoint).
7 Tapeandreelpackagingonlyavailableonthesurface-mountversions.
8 ToorderPb-free(RoHScompatible)surface-mountpartsreplacethe
mountingoption‘S’with‘Z’,e.g.PTH12020WAZ.ToorderPb-free(RoHS
compatible)through-holepartsreplacethemountingoption‘H’with‘D’,e.g.
PTH12020WAD.
9 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyourlocal
EmersonNetworkPowerrepresentativeorusetheon-linemodelnumbersearch
toolathttp://www.Emerson.com/EmbeddedPowertofindasuitablealternative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com