Electronic Components Datasheet Search
  English  ▼

X  

IL388 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL388
Description  Linear Optocoupler, PCMCIA package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL388 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL388 Datasheet HTML 1Page - Vishay Siliconix IL388 Datasheet HTML 2Page - Vishay Siliconix IL388 Datasheet HTML 3Page - Vishay Siliconix IL388 Datasheet HTML 4Page - Vishay Siliconix IL388 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 83723
Rev. 1.4, 11-Aug-06
IL388DAA
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
≤ 15
V
Power dissipation
Pdiss
≤ 50
mW
Derate linearly from 25 °C
≤ 0.65
mW/°C
Junction temperature
Tj
≤ 100
°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage
VISO
≤ 2130
VDC
Total package power dissipation
Pt
≤ 250
mW
Derate linearly from 25 °C
≤ 2.8
mW/°C
Storage temperature
Tstg
- 40 to + 150
°C
Operating temperature
Tamb
0 to + 75
°C
Lead soldering time at 260 °C
≤ 10
s
Isolation resistance
VIO = 500, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500, Tamb = 100 °C
RIO
≤ 1011
Ω
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.8
2.1
V
Reverse current
VR = 3.0 V
IR
0.01
10
µA
VF temperature coefficient
ΔV
F/Δ °C
TBD
mV/°C
Junction capacitance
VF = 0 V, f = 1.0 MHz
Cj
15
pF
Dynamic resistance
ΔV
F/ΔIF
6.0
Ω
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Junction capacitance
VF = 0 V, f = 1.0 MHz
Cj
12
pF
AC Characteristics
photovoltaic mode
Frequency response
IP1 = 25 A Modulation current
ΔI
P1 = ± 6.0 µA
BW (-3 db)
1.0
MHz
Phase response
IP1 = 25 A Modulation current
ΔI
P1 = ± 6.0 µA
45
Deg.
Rise time
IP1 = 25 A Modulation current
ΔI
P1 = ± 6.0 µA
tr
350
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com