Electronic Components Datasheet Search
  English  ▼

X  

IL388 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL388
Description  Linear Optocoupler, PCMCIA package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL388 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL388 Datasheet HTML 1Page - Vishay Siliconix IL388 Datasheet HTML 2Page - Vishay Siliconix IL388 Datasheet HTML 3Page - Vishay Siliconix IL388 Datasheet HTML 4Page - Vishay Siliconix IL388 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IL388DAA
Document Number 83723
Rev. 1.4, 11-Aug-06
Vishay Semiconductors
www.vishay.com
3
Coupler
Package Dimensions in Inches (mm)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
VF = 0 V, f = 1.0 MHz
CIO
1.0
pF
Common mode capacitance
VF = 0 V, f = 1.0 MHz
CCM
0.5
pF
Coupled characteristics
K1
IF = 2.0 mA, VD = 0 V
K1
0.007
THD
f0 = 316, IPI = 35 µA, VD = 0 V
- 79
db
K3 = K2/K1
IF = 2.0 mA, VD = 0 V
0.70
1.30
i178013
40°
3° - 7°
10° typ.
Pin One ID
ISO Method A
0.225 (5.7)
0.215 (5.5)
0.336 (8.4)
± 0.010 (± 0.25)
0.230 (5.8)
0.220 (5.6)
0.091 (2.3)
0.083 (2.1)
0.043 (1.09)
0.033 (0.83)
0.050 (1.25)
typ.
0.016 (0.41)
typ.
0.015 (0.38)
± 0.002 (0.05)
0.042 (1.05)
Ref.
0.006 (0.15)
typ.
0.050 (1.27)
R 0.010 (0.25)
0.266 (6.76)
0.356 (9.04)
0.291 (7.28)
± 0.010 (0.250)
0.047 (1.19)
± 0.002 (0.05)
0.045 (1.14)
0.014 (0.36)
0.036 (0.91)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com