Electronic Components Datasheet Search
  English  ▼

X  

IR2104 Datasheet(PDF) 6 Page - International Rectifier

Part # IR2104
Description  HALF-BRIDGE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2104 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2104 Datasheet HTML 2Page - International Rectifier IR2104 Datasheet HTML 3Page - International Rectifier IR2104 Datasheet HTML 4Page - International Rectifier IR2104 Datasheet HTML 5Page - International Rectifier IR2104 Datasheet HTML 6Page - International Rectifier IR2104 Datasheet HTML 7Page - International Rectifier IR2104 Datasheet HTML 8Page - International Rectifier IR2104 Datasheet HTML 9Page - International Rectifier IR2104 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
IR2104(S)&(PbF)
www.irf.com
Figure 6A. Turn-On Time vs Temperature
Figure 6B. Turn-On Time vs Supply Voltage
Figure 7A. Turn-Off Time vs Temperature
Figure 7B. Turn-Off Time vs Supply Voltage
Temperature (°C)
VBIAS Supply Voltage (V)
Temperature (°C)
VBIAS Supply Voltage (V)
0
100
200
300
400
500
10
12
14
16
18
20
Max.
Typ.
0
20 0
40 0
60 0
80 0
10 00
12 00
14 00
-5 0
-25
0
2 5
5 0
7 5
1 00
1 2 5
Ma x.
Typ.
0
200
400
600
800
1000
1200
1400
10
12
14
16
18
20
Max.
Typ.
0
10 0
20 0
30 0
40 0
50 0
-5 0
-25
0
2 5
5 0
7 5
1 00
1 2 5
Ma x .
Ty p.
0
200
400
600
800
1000
0
2
4
6
8
1012
1416
1820
Max.
Typ
.
0
200
400
600
800
1000
0
2
4
6
8
1012
1416
1820
Ma x .
Typ
Figure 7C. Turn-Off Time vs Input Voltage
Figure 6C. Turn-On Time vs Input Voltage
Input Voltage (V)
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com