Electronic Components Datasheet Search
  English  ▼

X  

IR2104 Datasheet(PDF) 7 Page - International Rectifier

Part # IR2104
Description  HALF-BRIDGE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2104 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2104 Datasheet HTML 3Page - International Rectifier IR2104 Datasheet HTML 4Page - International Rectifier IR2104 Datasheet HTML 5Page - International Rectifier IR2104 Datasheet HTML 6Page - International Rectifier IR2104 Datasheet HTML 7Page - International Rectifier IR2104 Datasheet HTML 8Page - International Rectifier IR2104 Datasheet HTML 9Page - International Rectifier IR2104 Datasheet HTML 10Page - International Rectifier IR2104 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
IR2104(S)&(PbF)
www.irf.com
Figure 8A. Shutdown Time vs Temperature
Figure 8B. Shutdown Time vs Voltage
VBIAS Supply Voltage (V)
Temperature (°C)
0
100
200
300
400
500
10
12
14
16
18
20
Max.
Typ.
0
100
200
300
400
500
-5 0
-25
0
2 5
5 0
7 5
100
125
Typ .
M ax.
Figure 10A. Turn-Off Fall Time
vs Temperature
Temperature (°C)
VBIAS Supply Voltage (V)
Figure 10B. Turn-Off Fall Time vs Voltage
0
50
100
150
200
10
12
14
16
18
20
M ax.
Typ .
Figure 9A. Turn-On Rise Time
vs Temperature
Figure 9B. Turn-On Rise Time vs Voltage
Temperature (°C)
VBIAS Supply Voltage (V)
0
10 0
20 0
30 0
40 0
50 0
-5 0
-25
0
2 5
5 0
7 5
1 0 0
12 5
Ma x .
Ty p.
0
10 0
20 0
30 0
40 0
50 0
10
12
14
16
18
20
Ma x .
Ty p.
0
50
10 0
15 0
20 0
-5 0-2 5
0
2 5
5 0
7 51 0 0
1 2 5
Ma x .
Ty p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com