Electronic Components Datasheet Search
  English  ▼

X  

RSN11S Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RSN11S
Description  The thinnest possible body contributes to reduced size, height and weight of the set product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSN11S Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RSN11S Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
416
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R S 6 0 N 1 1 S
0 1
B 1 0 3
Single-unit
1
Number of resistor elements
60
A0
60mm
100mm
Travel
Total resistance
Code
Total resistance
(k Ω)
Code
Total resistance
(k Ω)
104
100
103
10
503
50
254
250
Resistance taper
Code
Resistance taper
A
15A
B
1B
D
10A
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(15A)
J
9T
9-T(T-Bar)
Lever types
Code
Configuration code
01
1
04
4
Low-profile Master Type (Slim Type) / Ordering Products Not Listed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com