Electronic Components Datasheet Search
  English  ▼

X  

RSN11S Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RSN11S
Description  The thinnest possible body contributes to reduced size, height and weight of the set product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSN11S Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RSN11S Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
414
The thinnest possible body contributes to reduced size,
height and weight of the set product
Low-profile Master Type(Slim Type)
RS□□N11S
Product Line
Number of
resistor elements
Single-unit
Travel
(mm)
60
Total resistance
(k Ω)
10
Resistance
taper
1B
Lever type
4
Length of lever
(mm)
20
9-T
(T-Bar)
8.2
Terminal style
Products No.
RS60N11S4006
Minimumorder unit(pcs.)
Japan
Export
600
1,200
400
800
Drawing
No.
1
For
PC board
RSA0N11S9A0K
2
100
Other varieties are also available. Refer to "Other Specifications" (P.415).
Note
Refer to P.415 for other specifications.
Refer to P.416 for ordering products not listed.
Refer to P.426 for soldering conditions.
3-ø1.5 hole
22.1
42.2
20.1
87.5
2-ø2 hole
3
2
1
Dimensions
Unit:mm
No.
1
Style
PC board mounting hole dimensions
(Viewed from mounting side)
t=1.2
■ Typical Specifications
Items
Specifications
Total resistance tolerance
±
20%
Maximum operating voltage
200V AC, 10V DC(RS60N Series)
500V AC, 10V DC(RSA0N Series)
Operating force
0.3 +0.5
−0.25 N
Operating life
30,000 cycles
Operating temperature range
−10℃ to +60℃
Packing Specifications
Tray
Travel(mm)
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
60
600
1,200
377×517×371
100
400
800


Similar Part No. - RSN11S

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
RSN116800 AMPHENOLPCD-RSN116800 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116810 AMPHENOLPCD-RSN116810 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116820 AMPHENOLPCD-RSN116820 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116825 AMPHENOLPCD-RSN116825 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
RSN116890 AMPHENOLPCD-RSN116890 Datasheet
258Kb / 1P
Non-Environmental Relay Sockets
More results

Similar Description - RSN11S

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M35SP-11NK MITSUMI-M35SP-11NK Datasheet
45Kb / 2P
Thinnest body among the Model series with 35 Diameter
logo
Panasonic Semiconductor
AXE510124 PANASONIC-AXE510124 Datasheet
321Kb / 6P
The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
logo
ALPS ELECTRIC CO.,LTD.
RDC10 ALPS-RDC10_15 Datasheet
1Mb / 6P
The high accuracy space saving design contributes to reduced weight and size of sets
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
The thinnest possible body contributes to reduced size, height and weight of the set product
logo
HOKURIKU ELECTRIC INDUS...
HAP-BME-20-13N01 HOKURIKU-HAP-BME-20-13N01 Datasheet
362Kb / 1P
Industry-thinnest contributes miniaturization of application
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
Insert the shank of the nest into the yoke and tighten the set screw.
logo
PHOENIX CONTACT
2719629 PHOENIX-2719629 Datasheet
66Kb / 4P
The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2722771 PHOENIX-2722771 Datasheet
67Kb / 4P
The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2725888 PHOENIX-2725888 Datasheet
64Kb / 4P
The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
logo
E&E Magnetic Products L...
832-00550F EEMAGNETIC-832-00550F Datasheet
497Kb / 2P
Applicable for the miniaturization required to reduce the size and weight of portable equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com