Electronic Components Datasheet Search
  English  ▼

X  

CJ2 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ2
Description  FREQUENCY RANGE TO 3GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ2 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CJ2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
75
COAXIAL CONNECTORS
CJ2 Series
■ FREQUENCY RANGE TO 3GHz
■ HIGH DENSITY MULTIPLE TYPE
CJ2
Series
The CJ2 series supports Futurebus+
(IEC 1301.1 /IEEE.P896.2)
high density multi pole packaging. The connectors of this series
can mount up to six coaxial contacts on a housing the size of
our MJ01 series IEC 61076-4-104 compliant 24 pin connectors.
Hard Metric vertical back panel to board application.
Easy to operate: several coaxial contacts can be
simultaneously connected and disconnected on the board.
●Vertical board to board application with straight type(for back
plane
)and right-angle type(for daughter card).
●Smooth coupling with a coupling guide that corrects for
a misalignment up to 1 to 1.5 mm at the time of coupling.
●Can mount one to six coaxial contacts(through-hole plugs with
two, four and six coaxial contacts
)
●Applications:Base Station for Mobile Communications,
Carrier Devices, Measuring Instruments
In addition to independent cable application type, we also harness
products which satisfy your specification are available.
Refer to pages 109 to 111 for details.
■Guide to Operation Manuals
When using any of these products, please confirm the following
operation manuals.
・For 0.8DW cables
: JAHL-2138-1
・For 0.085 inch Semi-flexible cables: JAHL-2138-2
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC500Vr.m.s.(1minute)
1000 megohms min.(DC500V)
Center Contacts : 50 milliohms max.
Outer Contacts : 20 milliohms max.
1.3 max.(DC to 3GHz)
0.8D-W, UT85
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
Plug Contact:PTFE
Socket Contact:Polymethlpentene
Contacts
Insulator
Housing
Glass-filled LCP(Ivory)
Ground Plate
Copper Alloy /Tin Plated
Sleeve
Copper Alloy/Gold Plated over Nickel
Ferrule
Copper Alloy/Nickel Plated
Clip
Copper Alloy/Nickel Plated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com