Electronic Components Datasheet Search
  English  ▼

X  

CJ2 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ2
Description  FREQUENCY RANGE TO 3GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ2 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  CJ2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
78
COAXIAL CONNECTORS
CJ2 Series
■PLUG(For Daughter Card)
Through-hole Solder Type
Intermatable with JACK
(77 Page)
Dimensions in millimeters
■Right-angle
Part Number
:
2 Contacts
・CJ2N001D00
4 Contacts
・CJ2N002D00
6 Contacts
・CJ2N003D00
Contacts Insertion Position
2 Contacts
12.44
20.2
9.5
1.65
φ2.2
2±0.1
4±0.1
8±0.1
W0.33
4±0.1
8±0.1
4 Contacts
6 Contacts
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 1.6mm)
2-φ1.5
+0.1
 0
φ2.05
(UNPLATED HOLE)
(UNPLATED HOLE)
+0.05
 0
3±0.1
7±0.05
3(3×1)±0.05
1±0.05
φ0.6±0.05
4 Contacts
2-φ1.5
+0.1
 0
φ2.05
+0.05
 0
(UNPLATED HOLE)
(UNPLATED HOLE)
3±0.1
7±0.05
1±0.05
3(3×1)±0.05
φ0.6±0.05
6 Contacts
2-φ1.5
+0.1
 0
φ2.05
(UNPLATED HOLE)
(UNPLATED HOLE)
+0.05
 0
3±0.1
7±0.05
1±0.05
3(3×1)±0.05
φ0.6±0.05
2 Contacts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com