Electronic Components Datasheet Search
  English  ▼

X  

CJ3 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ3
Description  HIGH DENSITY MULTIPLE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ3 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CJ3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
79
COAXIAL CONNECTORS
CJ3 Series
■ FREQUENCY RANGE TO 3GHz
■ HIGH DENSITY MULTIPLE TYPE
CJ3
Series
Multi type coaxial connectors designed for mounting multiple coaxial
contacts on the housing of our MJ04 series connectors, compliant
with the IEC 61076-4-101 Hard Metric packaging standard. Vertical
back panel to board application.
Easy to operate: several coaxial contacts can be simultaneously
connected and disconnected on the board.
●Vertical board to board application with straight type(for back
plane
)and right-angle type(for daughter card)
●Contacts conforming to DIN41626 standard.
●No. of Contacts : 3, 6
●Optional housings for daughter card with anchor pins and
hexagonal nuts, providing a stronger bond to the board.
●Applications:Base Station for Mobile Communications,
Carrier Devices, Measuring Instruments
In addition to independent cable application type, we also harness
products which satisfy your specification are available.
Refer to pages 109 to 111 for details.
■Guide to Operation Manuals
When using any of these products, please confirm the operation
manuals
(JAHL-2155-1).
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC500Vr.m.s.(1minute)
1000 megohms min.(DC500V)
Center Contacts : 10 milliohms max.
Outer Contacts : 10 milliohms max.
1.2 max.(DC to 3GHz)
1.5D-V, 1.5D-W
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
Contacts
PTFE
Insulator
Copper Alloy/Gold Plated over Nickel
Shell
Housing
Glass-filled LCP(Ivory)
Retaining Ring
Copper Alloy/Nickel Plated
Sleeve
Copper Alloy/Nickel Plated
Ferrule
Copper Alloy/Nickel Plated
Housing
Glass-filled PBT(glay)
Anchor Pin
Copper Alloy/Nickel Plated
Hexagon Nut
Stainless Steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com