Electronic Components Datasheet Search
  English  ▼

X  

CJ3 Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ3
Description  HIGH DENSITY MULTIPLE TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ3 Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button CJ3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. CJ3 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
87
COAXIAL CONNECTORS
CJ3 Series
■PLUG(For Daughter Card)
Housing
・Right-angle Type
Intermatable with JACK
(81 to 83 Page)
Dimensions in millimeters
■ 6 Contacts
With Anchor Pin
Part Number
:CMJ3-L6SA
JAE
9.3
8±0.1
6±0.1
 0
−0.3
12.8
 0
−0.2
16
7.5±0.1
7.5±0.1
12.5±0.1
15±0.15
15±0.15
50
 0
−0.3
6-6.1
+0.1
 0
12.5±0.1
20±0.15
27.5±0.15
35±0.15
42.5±0.15
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 1.6mm)
20±0.1
35±0.1
12.5±0.05
27.5±0.1
42.5±0.1
8-φ1(NOTE)
8-φ2
+0.05
 0
(UNPLATED HOLE)
(Note)For applicable contact, see page 89.
(NOTE)
Through-hole mount on recommended board
Drilled Hole Diameter
φ1.10
mm
0
−0.02
φ1
mm
+0.04
−0.03
40±20μm
Finished Hole Diameter
Copper Plating Thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com