Electronic Components Datasheet Search
  English  ▼

X  

RT1710 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT1710
Description  Cable ID for USB Type-C Cables
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1710 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT1710 Datasheet HTML 6Page - Richtek Technology Corporation RT1710 Datasheet HTML 7Page - Richtek Technology Corporation RT1710 Datasheet HTML 8Page - Richtek Technology Corporation RT1710 Datasheet HTML 9Page - Richtek Technology Corporation RT1710 Datasheet HTML 10Page - Richtek Technology Corporation RT1710 Datasheet HTML 11Page - Richtek Technology Corporation RT1710 Datasheet HTML 12Page - Richtek Technology Corporation RT1710 Datasheet HTML 13Page - Richtek Technology Corporation RT1710 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT1710
13
DS1710-00 May 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Derating Curve of Maximum Power Dissipation
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WDFN-8L 2x3 package, the thermal resistance,
θJA, is
31.5
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (31.5°C/W) = 3.17W for
WDFN-8L 2x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 3 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Layout Consideration
PCB layout is very important for designing e-marked IC
(RT1710) circuits.
The VCON1 and VCON2 traces should be wide (10mil)
and short especially for the current loop.
Connect VCON1/VCON2 pins with bypass capacitor,
and as near the pins as possible.
The exposed pad of the chip should be connected to a
large ground plane for thermal consideration.
Keep the CC1 traces away from those sensing pins
(D+, D-, SSTX+, SSTX-, SSRX+, SSRX-, SBU).
Figure 4. PCB Layout Guide
The exposed pad of the chip should be
connected to a large ground plane for
thermal consideration.
CC PIN
VCONN
0.1µF
RT1710
SDA
SCL
NC
NC
GND
VCON2
VCON1
CCIN
EP
Test pad
Test pad
VCONN
(Another side)
0.1µF
Keep the CC1 traces away from those sensing pins
(D+,D-,SSTX+,SSTX-,SSRX+,SSRX-,SBU)
The VCON1 and VCON2
traces should be wide (10mil)
and short especially for the
current loop.
Connect VCON1/VCON2 pins
with bypass capacitor,and as
near the pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com