Electronic Components Datasheet Search
  English  ▼

X  

CV10 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CV10
Description  FREQUENCY RANGE TO 3GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CV10 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CV10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
71
COAXIAL CONNECTORS
CV10 Series
■ FREQUENCY RANGE TO 3GHz
■ PUSH-ON COUPLING
CV10 Series
CV10 series small size coaxial connectors are ideal for high-density,
reduced size, high frequency devices.
Receptacle can be mounted in an area of 4
×4mm on board.
Low profile : 3mm high when mated with the cable plug.
Applicable frequencies : from DC up to 3GHz. High performance with
a VSWR
(voltage standing wave ratio)of 1.3 or less.
●Sure locking feeling on mating. Push-on coupling provides stable
retention.
●Two versions of board mount receptacle : SMT type enabling
automatic mount and through-hole type.
SMT connectors can be supplied in embossed taping.
●Extra-fine coaxial cable(1.3mm in outer diameter )with double
thread outer conductor excellent in flexibility.
Provides a higher degree of freedom in wiring. Most suitable for
high density packaging.
●Applications : Cordless Phone, Mobile Phone, GPS,
Various Communications Equipment,
Radio Terminal for Personal Computer,
High Frequency Measuring Instruments
*GPS(GLOBAL POSITIONING SYSTEM/CAR NAVIGATION)
For the cable application type, harnessed connectors which satisfy
your specification are supplied.
We can also provide connectors and cables other than those listed in
this catalog. For details, please consult us.
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC500Vr.m.s.(1minute)
500 megohms min.(DC500V)
Center Contacts : 30 milliohms max.
Outer Contacts : 15 milliohms max.
1.3 max.(DC to 3GHz)
0.8D EQUIVALENT(SPECIAL)
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
Copper Alloy : Receptacle /Tin Plated
Copper Alloy : Plug/Nickel Plated
Center Contacts
Outer Contacts
Receptacle/Glass-filled PPS
Cable Plug/Glass-filled PBT
Through-hole Plug/PTFE
Insulator
Shell
Copper Alloy /Tin Plated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com