Electronic Components Datasheet Search
  English  ▼

X  

CV10 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # CV10
Description  FREQUENCY RANGE TO 3GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CV10 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  CV10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CV10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Dimensions in millimeters
73
COAXIAL CONNECTORS
CV10 Series
■RECEPTACLE
SMT Type
Intermatable with PLUG RECEPTACLE & PLUG
(74 Page)
■Straight
Part Number
:CV10-RP-M-0
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 0.8mm )
REEL CONFIGULATION(REF.)
5.4±0.2
(0.3)
(0.3)
(2.4)
(1.56)
FOR
SIGNAL CONTACT
2.45
1.95
1.4
1.5
2.5
2.3±0.15
0.3±0.05
φ1.5
4±0.1
8±0.1
2±0.05
1.75±0.1
+0.1
 0
■ENBOSSED TAPE REELS
Part Number
:CV10-RP-M-0-E1000
φ13±0.2
14±0.15
20±0.2
(Note)1,000 connectors/1 reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com