Electronic Components Datasheet Search
  English  ▼

X  

SF50 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF50
Description  COMPONENTS PRODUCT INFORMATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF50 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  SF50 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF50 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF50 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF50 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB-0237-1
2/4
JAE PMK Div. Proprietary. Copyright © 2011,Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Component
Material / Finish
Contact
Copper alloy / Au plating over Ni (contact area)
Housing
Synthetic resin
Cover Frame
Stainless steel / Terminal area: Au flash plating over Ni
Pull Bar
Synthetic resin / Black
Ordering Information
SF50 S 006 V 4 A R****
Contact Area Finish
4: Au 0.5
m min.
V: SMT mounting with hold-downs
No. of Contacts
6: 6 pos.
Series
Modification Code
A: Standard, B: Reverse
Reel Part Number (Note)
Note) An embossed tape reel contains 1,500 pcs.
Please contact us for details on embossed tape specifications.
Pull-lever left side (STD type)
SJ111457
SF50S006V4A
A type reverse
SJ111460
SF50S006V4B
JACS-10787
JAHL-10787
SJ111463
SJ Drawing
Specification
Handling Instruction
In Common
Pull-lever right side (STD type)
SF50S006V4C
Remarks
Part Number
Product Variations



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com