Electronic Components Datasheet Search
  English  ▼

X  

SF50 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF50
Description  COMPONENTS PRODUCT INFORMATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF50 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SF50 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF50 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF50 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF50 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/4
MB-0237-1
October 2011
JAE PMK Div. Proprietary. Copyright © 2011,Japan Aviation Electronics Industry, Ltd.
No. of Contacts: 6 positions
(compatible with 8 positions)
Contact Resistance: 100m
 max.
Dielectric Withstanding Voltage:
AC500Vr.m.s. per minute
Operating Temperature:
-25 Deg. C to +85 Deg. C
Features
SF50 Series
Micro SIM Card Connector
General Specifications
1.2mm height, 13.6mm width, and 15.6mm depth; achieves space saving and
industry’s lowest-in-class profile.
Simple structure and easy operation with pull-lever.
Resin used for pull-lever material ensures robust structure and is also compatible with
reflow mounting.
Location of pull-lever is available in left and right side variations.
Balanced 6 hold-down points for good EMI performance.
Pb-free, halogen-free compliant product.
Supports automated mounting with embossed tape.
Rated Current: 0.5A/ per pin
Rated Voltage: 10V/ per pin
Durability: 5,000 times
For mobile phones there is a gradual shift from the conventional plug-in-SIM cards to
the smaller micro SIM cards.
The “SF50 Series” is a pull-lever type connector which is compatible with the micro
SIM card.
* SIM: Subscriber Identity Module
Applications
Smartphone, mobile phone, tablet devices, and others
RoHS Compliant


Similar Part No. - SF50

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF50-005 FRONTIER-SF50-005 Datasheet
128Kb / 2P
5A SUPER FAST RECOVERY RECTIFIER
SF50-005-LFR FRONTIER-SF50-005-LFR Datasheet
128Kb / 2P
5A SUPER FAST RECOVERY RECTIFIER
SF50-005G FRONTIER-SF50-005G Datasheet
128Kb / 2P
5A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF50-01 FRONTIER-SF50-01 Datasheet
128Kb / 2P
5A SUPER FAST RECOVERY RECTIFIER
SF50-01-LFR FRONTIER-SF50-01-LFR Datasheet
128Kb / 2P
5A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTS350Q1-PD1 SAMSUNG-LTS350Q1-PD1 Datasheet
1Mb / 58P
Product Information
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
Product Information Bulletin
logo
List of Unclassifed Man...
ECJ-CV50J106M ETC2-ECJ-CV50J106M Datasheet
784Kb / 28P
PRODUCT SPECIFICATION FOR INFORMATION
833 ETC2-833 Datasheet
150Kb / 2P
Product Information 44
logo
NTE Electronics
WH18-01-25 NTE-WH18-01-25 Datasheet
1Mb / 2P
PRODUCT/APPLICATION INFORMATION
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
Product Portfolio Information
logo
Japan Aviation Electron...
SF9 JAE-SF9 Datasheet
165Kb / 4P
COMPONENTS PRODUCT INFORMATION
SF11 JAE-SF11 Datasheet
408Kb / 5P
COMPONENTS PRODUCT INFORMATION
logo
Samsung semiconductor
LTN154X3-L01 SAMSUNG-LTN154X3-L01 Datasheet
231Kb / 13P
Product Information
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
PRELIMINARY PRODUCT INFORMATION
1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com