Electronic Components Datasheet Search
  English  ▼

X  

SF58 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF58
Description  microSIM Card Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF58 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  SF58 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MB-0271-1
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
3/7
SF58 S 006 V B B (R2000)
Series
Connector Type
S: NON-ZIF structure
No. of Contacts
Reeled Part Number (Note)
Modification Code
Plating Specification
B: Contact area: Au /
Connection area: Au flash plating
Connection Type
V: SMT mounting, with H/D
Note: An embossed tape reel contains 2,000 pieces.
Please contact us concerning packaging specifications.
Component
Material and Finish
Signal Contact
D-SW Contact
Main Frame
Copper alloy / Contact area: Au plating over Ni
Terminal area: Au flash plating over Ni
Housing
Synthetic resin / None
Cover Frame
Stainless steel / Terminal area: Au flash plating
Eject Bar
Stainless steel / None
Eject Lever
Stainless steel / None
Materials and Finishes
Ordering Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com