Electronic Components Datasheet Search
  English  ▼

X  

SF58 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SF58
Description  microSIM Card Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SF58 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SF58 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SF58 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0271-1
April 2014
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
1/7
No. of Contacts: 6 pos. + 2 pos. (D-SW)
Contact Resistance: 100mΩ max. (initial)
Dielectric Withstanding Voltage:
AC500Vr.m.s for 1 minute
Operating Temperature:
-40 Deg. C to +85 Deg. C
Rated Current: 0.5A per pin
Rated Voltage: 10V per pin
Insulation Resistance:
1,000MΩ min. (initial)
Durability: 5,000 times
Tray Insertion Force: 10N max.
SF58 Series
microSIM Card Connector
<<Outline>>
Smartphones and tablet PC equipping microSIM (Mini UICC) Cards are increasing.
The SF58 Series is a push-eject type (ejected by pushing pin) connector compatible with
the micro SIM card.
(SIM: Subscriber Identity Module)
1.3mm height, 15.5mm width, and 16.35mm depth, low-profile, space saving.
Card mis-insertion measures, with card detection switch (normal open).
Structure that enables visual check of terminal area after SMT Mounting.
Superior resistance against drop with original lock structure.
Pb-free, halogen-free compliant product.
Supports automated mounting with embossed tape.
<Drawing when a tray is inserted>
RoHS Compliant
Note: Tray is not included. Tray is to be prepared by customers.
Features
General Specifications


Similar Part No. - SF58

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF58 MOSPEC-SF58 Datasheet
129Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
logo
Bytes
SF58 BYTES-SF58 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SF58 EIC-SF58 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
SF58 TSC-SF58 Datasheet
257Kb / 2P
5.0 AMPS. Super Fast Rectifiers
SF58 TSC-SF58 Datasheet
67Kb / 2P
5.0 AMPS. Super Fast Rectifiers
More results

Similar Description - SF58

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-2000-0 YAMAICHI-PJS008-2000-0 Datasheet
211Kb / 1P
microSD??Card Connector
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
microSD card connector
logo
List of Unclassifed Man...
SCGD-E ETC2-SCGD-E Datasheet
3Mb / 1P
microSIM Card Connector
logo
Adam Technologies, Inc.
SCC-08-SMT-275 ADAM-TECH-SCC-08-SMT-275 Datasheet
87Kb / 1P
SIM CARD CONNECTOR
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
SIM CARD CONNECTOR
logo
Wurth Elektronik GmbH &...
693021020811 WURTH-693021020811 Datasheet
765Kb / 8P
WR-CRD MicroSIM Card Connector SMT
001.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com