Electronic Components Datasheet Search
  English  ▼

X  

FR02 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FR02
Description  0.2 mm Pitch, 0.82mm Mating Height FPC Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FR02 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FR02 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0269-1
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
2/5
FR02
C0** JA1 - R 5000
Reeled: 5000 pcs.
Series
No. of Contacts
Modification Code
Components
Material and Finish
Housing
Heat resistant plastic (Black, halogen-free)
Actuator
Heat resistant plastic (White, halogen-free)
Contact
Copper alloy, Au plating over Ni
Au0.1
m min.
No. of Contacts
Development Status
23
Now in mass-production
41
Now in mass-production
51
Now in mass-production
61
Now in mass-production
Materials and Finishes
Ordering Information
No. of Contacts Developed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com