Electronic Components Datasheet Search
  English  ▼

X  

FR02 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FR02
Description  0.2 mm Pitch, 0.82mm Mating Height FPC Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FR02 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FR02 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FR02 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0269-1
August 2013
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
1/5
The “FR02 Series” is a 0.2mm pitch, top-and-bottom surface connection type FPC
connector for space-saving of hand-held devices such as smartphones and tablet PCs.
FR02 Series
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
RoHS Compliant
Features
General Specifications
General Specifications
No. of Contacts: 23, 41, 51, and 61 positions
Contact Resistance (top connection, bottom connection):
Odd pin count: initial 120m
 max., 140m  max. after test
Even pin count: initial 100m
 max., 120m  max. after test
Dielectric Withstanding Voltage:
AC250V per minute max.
Operating Temperature:
-40 Deg. C + 85 Deg. C
Durability: 20 mating cycles
Rated Current:
AC, DC each 0.25A per terminal
Rated Voltage:
AC, DC each 50V per terminal
Applicable FPC Thickness:
0.2mm
 0.03mm
Pitch:
0.2mm staggered pitch
0.2mm pitch, 0.82mm height, and 3.0mm depth, space-saving FPC connector.
Applicable FPC thickness 0.2mm
 0.03mm, top-and-bottom surface connection type,
rear flip type FPC connector.
LIF (Low Insertion Force) structure temporarily holds FPC in place.
Tapered guides in the insertion area for improved FPC insertion guidance.
Good operational feeling is provided during actuator operation.
Board pattern traces are possible under the connector excluding terminal area.
With a structure that prevents the actuator from coming off during actuator operation.
Pb-free, halogen-free compliant product.
Ni barrier prevents solder wicking.


Similar Part No. - FR02

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
dip rotary switch
logo
First Components Intern...
FR02-25 FCI-FR02-25 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
RFE international
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - FR02

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
logo
Omron Electronics LLC
XB4A OMRON-XB4A Datasheet
562Kb / 6P
0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
logo
Japan Aviation Electron...
FR02C023JA1-R5000 JAE-FR02C023JA1-R5000 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
0.5 mm-Pitch Vertical FPC Connector
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH35C HIROSE-FH35C Datasheet
368Kb / 12P
0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com