Electronic Components Datasheet Search
  English  ▼

X  

HB01 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # HB01
Description  Waterproof In-line Connector for Industrial Machinery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

HB01 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  HB01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB-0311-1
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
2/6
General Specifications
Materials and Finishes
Number of Contacts
6 (4 power, 2 signal)
Rated Current
(per contact)
Terminal Type
Current
Cable Size
Power
9A
18 AWG
11A
16 AWG
13A
14 AWG
Signal
2A
24 AWG
3A
22 AWG
4A
20 AWG
Rated Voltage
A.C., D.C. 250V (Power Terminal and Signal Terminal have
enhanced insulation structure)
Applicable Cable
Terminal Type Barrel Size
Cable Size
Insulation outer
diameter
Power
#17
17~19AWG
φ1.6~2.3mm
#14
14~16AWG
φ2.1~2.8mm
Signal
#22
22~24AWG
φ1.1~1.5mm
#19
19~21AWG
φ1.2~1.8mm
Contact Resistance
10mΩ max. (initial)
20mΩ max. (after test)
Insulation Resistance
5000MΩ min. (initial)
5000MΩ min. (after test)
Dielectric Withstanding
Voltage
1500Vr.m.s
Terminal Retention
Strength
Power Terminal: 50N min.; Signal Terminal: 30N min.
Durability
30 mating cycles
Operating Temperature
-25 Deg. C ~+85 Deg. C
Components
Material and Finish
Insulator
PBT
Contact
Copper alloy
Contact area: Au plating over Ni
Connection area: Sn plating over Ni
Others: Ni plating
Grommet
Silicone rubber
Cover
PBT
Sealing Ring
Silicone rubber



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com