Electronic Components Datasheet Search
  English  ▼

X  

HB01 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # HB01
Description  Waterproof In-line Connector for Industrial Machinery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

HB01 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  HB01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. HB01 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MB-0311-1
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
5/6
Part Number
SJ
Drawing
Contact Type
Supply Type
Applicable
Cable Size
HB01P06K4P1
SJ116695
#22
Pin
Signal
Reeled
6000 pcs. per reel
22~24 AWG
HB01P06K4P2
SJ116696
#19
Pin
Signal Same as above
19~21 AWG
HB01S06K4P1
SJ116697
#22
Socket Signal Same as above
22~24 AWG
HB01S06K4P2
SJ116698
#19
Socket Signal Same as above
19~21 AWG
HB01P25H3P1
SJ116699
#17
Pin
Power
Reeled
2500 pcs. per reel
17~19 AWG
HB01P25H2P1
SJ116700
#14
Pin
Power Same as above
14~16 AWG
HB01S25H3P1
SJ116701
#17
Socket Power Same as above
17~19 AWG
HB01S25H2P1
SJ116702
#14
Socket Power Same as above
14~16 AWG
Terminal
Specifications: JACS-11114
Handling Instructions: JAHL-11114
Part Number
SJ Drawing
Item
HB01P006PZ1
SJ116693
Pin Connector
HB01S006SZ1
SJ116694
Socket Connector
Connector
Product Drawings
Technical Documents



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com