Electronic Components Datasheet Search
  English  ▼

X  

KX24 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # KX24
Description  0.8mm Pitch Board to Board Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KX24 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  KX24 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB-0182-1
2/6
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Components
Materials/ Finishes
Insulator
Glass filled PBT
Contact
Copper alloy/ Contact area: 0.1um min. Au plating over Ni,
Terminal area: Reflow Sn plating over Ni
Hook Pin
Copper alloy/ Reflow Sn plating
Locator
Glass filled PBT
Materials and Finishes
KX24 -*** R -** -H 1
Ordering Information
H: With hook pin
Series
No. of Contacts:
80, 100, 120, 140, 180 pos.
1: 0.1 um min. Au plating
Terminal Configuration
6ST: Straight through hole
LT: Angle through hole
Contact Type R: Socket
KX25 -*** P -** -H 1
H: With hook pin
Series
No. of Contacts:
80, 100, 120, 140, 180 pos.
1: 0.1 um min. Au plating
Terminal Configuration
LT: Angle through hole
Contact Type P: Pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com