Electronic Components Datasheet Search
  English  ▼

X  

KX24 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # KX24
Description  0.8mm Pitch Board to Board Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KX24 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  KX24 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KX24 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/6
MB-0182-1
February 2008
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Features
KX24/ 25 Series
0.8mm Pitch Board to Board Connector
Robust type with mating guide, suitable for rack and panel mounting
Assuring click response when mated
Trough-hole type board connection available in vertical and horizontal directions
High contact reliability with long contact stroke.
Non-pin type connector structure durable to twists caused by mating.
The KX24/ 25 Series is a 0.8mm pitch board to board connector developed to meet
the need for lighter, more compact, high density connectors for use in various office
appliances, such as PPCs and printers, and measuring devices.
RoHS Compliant
No. of Contacts :
80, 100, 120, 140, 180 pos.
Contact Resistance:
70m ohm max. (initial)
Dielectric Withstanding Voltage:
AC 500V per minute
General Specifications
Rated Current:
0.5A per contact
Insulation Resistance:
100M ohm min.(initial)
Operating Temperature:
40 Deg. C to +80 Deg. C


Similar Part No. - KX24

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24-100R-6ST-H1 JAE-KX24-100R-6ST-H1 Datasheet
174Kb / 3P
Board to Board connector, Non-pin type , robust type with mating guide structure, 100 pos. 0.8mm pitch, Socket
KX24-100R-LT-H1 JAE-KX24-100R-LT-H1 Datasheet
205Kb / 3P
Board to Board connector, Non-pin type , robust type with mating guide structure, 100 pos. 0.8mm pitch, Socket
KX24-100R-LT1-H1 JAE-KX24-100R-LT1-H1 Datasheet
204Kb / 3P
Board to Board connector, Non-pin type , robust type with mating guide structure, 100 pos. 0.8mm pitch, Socket
KX24-120R-6ST-H1 JAE-KX24-120R-6ST-H1 Datasheet
178Kb / 3P
Board to Board connector, Non-pin type , robust type with mating guide structure, 120 pos. 0.8mm pitch, Socket
KX24-120R-LT-H1 JAE-KX24-120R-LT-H1 Datasheet
204Kb / 3P
Board to Board connector, Non-pin type , robust type with mating guide structure, 120 pos. 0.8mm pitch, Socket
More results

Similar Description - KX24

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
0.8mm Pitch Board to Board Floating Connector
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
0.8mM BOARD TO BOARD PLUG ASSY
logo
Tyco Electronics
1-316739-4 MACOM-1-316739-4 Datasheet
44Kb / 1P
ON TAPING EMBOSS CAP ASSEMBLY H-TYPE 0.8MM PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
10Gbps 0.8mm pitch Board to Board Connectors
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
0.8mm Pitch Board-to-Board Factory Automation Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
0.8mm Contact Spacing, Board To Wire Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com