Electronic Components Datasheet Search
  English  ▼

X  

MJ06 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # MJ06
Description  General Purpose Gigabit Transmission
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MJ06 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  MJ06 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MB-0206-1
2/10
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
MJ06-120FRP
Angle Socket
MJ06-120MSP-A0-A
Pin Header Short
MJ06-120MSP-A3-A
Pin Header Long
(for Board Thickness 3.5mm)
MJ06-120MSP-A5-A
Pin Header Long
(for Board Thickness 5mm)
MJ06-120S
Shroud
MJ06-120MRP-1
Angle Pin Header
All 6 items
+Available in compatible harness type
(Please contact us for information.)
MJ06 Series Mating Operation
Materials and Finishes
■
Pin Connector
■
Socket Connector
■
Board Through-Hole Specification (for reference)
MJ06-120FRP
Angle Socket
Mating Possible
1.4mm to 5.0mm
Board Thickness
0.7mm dia. ± 0.025mm
20 µm (min.)
0.6mm dia. ± 0.05mm
Glass fabric filled laminated epoxy board
Prepared Hole Drilled Diameter
Copper Plating Thickness
Finished Diameter
(Au flash plating over copper)
Board Material
Copper alloy /
Contact area: Au plating over Ni
Terminal area:
Au flash plating over Ni
(Note) Pin contact and ground
contact in common
Glass filled PBT (white)
Material / Finish
Insulator
Contact
Component
Copper alloy /
Contact area: Au plating over Ni
Terminal area:
Au flash plating over Ni
(Note) Socket contact and ground
plate in common
Glass filled PBT (white)
Material / Finish
Insulator
Contact
Component



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com