Electronic Components Datasheet Search
  English  ▼

X  

MJ06 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MJ06
Description  General Purpose Gigabit Transmission
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MJ06 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MJ06 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. MJ06 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/10
MB-0206-1
August 2010
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Features
MJ06 Series
General Purpose Gigabit Transmission
Metric System Connector
General Specifications
Main Board
MJ06-120FRP
Angle Socket
MJ06-120MSP-A*-A
Pin Header Long
MJ06-120S
Shroud
MJ06-120MRP-1
Angle Pin Header
Sub Board
Sub Board
The MJ06 Series is a high-speed signal connector for differential transmission, compatible
with backplane/midplane type devices. It has superior high-speed transmission
performance, with a balanced transmission structure that is ideal for differential
transmission and allows for a simplified mounting pattern design.
Compatible with IEC61076-4-101 mounting dimensions. Usage is possible with the same
standard connectors (known as HM connectors).
Pair signal alignment (side pair, 1.8mm pitch) and ground structure, optimized for high-
speed differential transmission
Symmetrical pin structure prevents skew between differential signal pair.
Press-fit attachment to board for both pin side and socket side connector (finished
diameter compatible with 0.6mm dia.)
Through-hole location to optimize board wiring pattern.
Compatible with connector height 9mm max. from board, minimum slot distance 17mm.
Available in cable connection type. (Please contact us for more information.)
No. of Contacts: 120 pos. (signal + ground / module)
Differential Impedance: 100Ω ±15Ω (Tr=100ps [10-90%])
Crosstalk: 5% max. (Tr=100ps [10-90%])
Rated Voltage: AC200 Vr.m.s
Rated Current: 1A
Operating Temperature: -35 to 85 Deg. C
Compliant Pin: single insertion force 100N max. / single retention force 10N min. (after test)
Applicable Board Thickness: 1.4mm to 5.0mm
Factory automation equipment, semiconductor manufacturing equipment, various
inspection and measuring devices, server/storage devices, communication/network
devices, broadcasting equipment, medical equipment, etc.
Applications
RoHS Compliant


Similar Part No. - MJ06

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MJ06-120MSP-A0-A JAE-MJ06-120MSP-A0-A Datasheet
202Kb / 3P
General purpose gigabit transmission metric system connector, 120 pos., Pin header
MJ06-120MSP-A3-A JAE-MJ06-120MSP-A3-A Datasheet
263Kb / 3P
General purpose gigabit transmission metric system connector, 120 pos., Pin header
MJ06-120MSP-A5-A JAE-MJ06-120MSP-A5-A Datasheet
277Kb / 3P
General purpose gigabit transmission metric system connector, 120 pos., Pin header
MJ06-120S JAE-MJ06-120S Datasheet
168Kb / 3P
General purpose gigabit transmission metric system connector, 120 pos., Shroud
More results

Similar Description - MJ06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com