Electronic Components Datasheet Search
  English  ▼

X  

MM70 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM70
Description  MXM3.0 Compatible Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM70 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  MM70 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0207-2
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
2/5
MM70- 314 - 310 B 2 - *
Series
Modification code
1. Board height: 3.0mm
2. Board height: 1.5mm
Contact finish
1: 0.1µm min. Au plating over Ni
2: 0.3µm min. Au plating over Ni
Standard No. of Contacts
Ordering Information
Materials and Finishes
Component
Material / Finish
Insulator
Heat resistant plastic
Contact
Copper alloy / contact area: 0.1µm min. Au plating over Ni
Hold down
Copper alloy / Sn plating over Ni
Stopper
Copper alloy / Sn plating over Ni
Part Number
SJ Drawing
Specification
MM70-314-310B2-1
SJ109148
JACS-10543
MM70-314-310B2-2
MM70-314-310B1-1
SJ109265
MM70-314-310B1-2
Utilized No. of Contacts
Socket type, angle insertion type
Drawing No.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com