Electronic Components Datasheet Search
  English  ▼

X  

MM70 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM70
Description  MXM3.0 Compatible Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM70 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  MM70 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM70 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0207-2
April 2010
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
1/5
Features
The MM70 series is a graphics board connector compatible with the MXM3.0
standard. It can be use to connect add-in MXM3.0 modules (graphics boards) in
order to improve the graphics processing performance of personal computers.
MM70 Series
MXM3.0 Compatible Connector
No. of Contacts: 314 pos. equivalent (310 pos.)
Contact Resistance: 55m Ω max. (initial), 80m Ω max. (after test)
Dielectric Withstanding Voltage: AC 250Vr.m.s (per minute)
Rated Current: 0.5A per pin
Insulation Resistance: 50M Ω min. (after test)
Durability: 30 times
Operating Temperature: -40 to+85 Deg. C
Mating area is 0.5mm pitch, with two-layer upper and lower structure.
Compatible with MXM3.0 standard. (Card edge type).
Contact size: available in 2 types
6.7mm height, 12.20mm depth, and 89.9mm width. (3.0mm board height)
4.3mm height, 12.75mm depth, and 89.9mm width. (1.5mm board height)
Precision positioning stopper for MXM3.0 module prevents contact failure.
General Specifications
RoHS Compliant


Similar Part No. - MM70

ManufacturerPart #DatasheetDescription
logo
Vaisala
MM70 VAISALA-MM70 Datasheet
1Mb / 3P
MM70 Handheld Moisture and Temperature Meter
logo
Japan Aviation Electron...
MM70-314-310B1-1 JAE-MM70-314-310B1-1 Datasheet
244Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
MM70-314-310B1-2 JAE-MM70-314-310B1-2 Datasheet
244Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
MM70-314-310B2-1 JAE-MM70-314-310B2-1 Datasheet
318Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
MM70-314-310B2-2 JAE-MM70-314-310B2-2 Datasheet
318Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
More results

Similar Description - MM70

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL3 ABRACON-ASFL3_08 Datasheet
189Kb / 2P
1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
1.05.08
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
Docking Connector Compatible with PCI Express
logo
Japan Aviation Electron...
DP3 JAE-DP3 Datasheet
650Kb / 7P
Thunderbolt Compatible Connector
CP03 JAE-CP03 Datasheet
450Kb / 5P
65GHz Compatible SMPM Coaxial Connector
MX38 JAE-MX38 Datasheet
446Kb / 8P
Automotive High-speed Differential Transmission Compatible Connector
MX39 JAE-MX39 Datasheet
216Kb / 6P
USB2.0 Transmission Compatible Automotive Connector
MX45A JAE-MX45A Datasheet
224Kb / 4P
USB2.0 Transmission Compatible Automotive Connector
MX49 JAE-MX49 Datasheet
264Kb / 6P
Automotive USB 2.0 Standard Compatible Connector
MX55 JAE-MX55 Datasheet
603Kb / 7P
Automotive Digital Camera Compatible Connector
logo
Lite-On Technology Corp...
LTST-C930YKT LITEON-LTST-C930YKT Datasheet
371Kb / 6P
I.C. compatible
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com