Electronic Components Datasheet Search
  English  ▼

X  

SMT Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # SMT
Description  Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMT Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  SMT Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMT Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SMT Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SMT Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB-0156-3
2/3
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
General Specifications
•Characteristic Impedance: 50 ohm
•Operating Frequency: DC to 3GHz
•V.S.W.R.: 1.2 max.
•Rated Current: DC 2A
•Rated Voltage: AC100V.r.m.s
•Operating Temperature: -40 to+85 Deg. C
•Contact Resistance: Initial, 8mΩ max.
(Change after test, 12mΩ max.)
•Dielectric Withstanding Voltage:
AC 500 Vr.m.s (1 min.)
•Insulation Resistance:
500MΩ min. (DC500V)
Component
Material / Finish
Insulator
SPS resin
Signal Contact
(Central Conductor)
Phosphor bronze / Au plating over Ni
Outer Conductor
(Ground Contact)
Brass / Au plating over Ni
Connector Series
Connector configuration
R: Straight receptacle
Modification Code
Characteristic Impedance
D: 50Ω
SMB R *** D 00
Terminal Connection Type
00: Board connection type
Ordering Information
Technical Information
Part Number
SMB003D00
(with SMT area boss)
SMB004D00
(without SMT area boss)
SJ Drawing
SJ105033
SJ107482
Product Specification
JACS-2237-12
Receptacle (Board side)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com