Electronic Components Datasheet Search
  English  ▼

X  

SMT Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SMT
Description  Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMT Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SMT Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMT Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SMT Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SMT Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/3
MB-0156-3
October 2010
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Features
SMT Type SMB Connector
Compact Coaxial Connectors Compatible with
IEC60169-10 (Type SMB) Standard
The SMB Series are compact coaxial SMB (IEC60169-10) type
connectors with terminal area compatible with board surface mounting.
These connectors are ideally suited for applications requiring
miniaturization and high density such as wireless high-frequency devices,
wireless communication devices, and measuring devices.
Applications
•Compact coaxial connectors compatible with the IEC60169-10 (Type SMB) standard.
•Compatible with reflow and automatic mounting with vacuum area tape.
•Low profile, connector height 6.5mm from board.
•Available with and without outer conductor SMT area bosses which prevent
connector misalignment during reflow.
(with boss type: SMBR003D00; without boss type: SMBR004D00)
•Equivalent high frequency performance as conventional through-hole type
connectors.
•Design concept is based on high-accuracy simulation technology to optimize
impedance matching, low reflection and low loss.
Mobile phones, PHS base stations, wireless LAN access points, wireless
communication equipment, high frequency modules, wireless power amplifiers,
measuring equipment, transmission characteristic measuring devices, RFID (IC tag,
automatic identification), broadcasting equipment, etc.
SMT Type SMB Connector
P/N No.:
SMBR003D00
SMBR004D00
RoHS Compliant


Similar Part No. - SMT

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SMT SHARMA-SMT Datasheet
857Kb / 6P
Sharma Multilayer Ceramic Capacitors
logo
Isabellenhütte Heu...
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
logo
RFE international
SMT RFE-SMT Datasheet
508Kb / 5P
SMD TANTALUM CAPACITORS
2016.10.17
logo
Coilcraft lnc.
SMT COILCRAFT-SMT Datasheet
100Kb / 1P
Designer’s Kits
logo
Mobile Mark, Inc.
SMT MOBILEMARK-SMT Datasheet
593Kb / 1P
LOW PROFILE IoT MIMO ANTENNA
11/2024
More results

Similar Description - SMT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
JDAM-7W2P HIROSE-JDAM-7W2P Datasheet
241Kb / 6P
JDM TYPE COAXIAL TERMINAL CONNECTORS
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
27DP DDK-27DP Datasheet
256Kb / 9P
SMB Type Connectors
logo
AAEON Technology
FLASHDISK AAEON-FLASHDISK Datasheet
123Kb / 1P
100% IDE standard compatible, Compact Flash Specification standard
logo
Amphenol Corporation
FA1-NDRP-PCB-9 AMPHENOL-FA1-NDRP-PCB-9 Datasheet
2Mb / 23P
FAKRA SMB CONNECTORS COAXIAL CABLE
logo
Japan Aviation Electron...
CB1 JAE-CB1 Datasheet
124Kb / 3P
IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
logo
DDK Ltd.
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
logo
TDK Electronics
RSMN-2003 TDK-RSMN-2003 Datasheet
2Mb / 10P
Compact Multipurpose Type Compatible with High-Voltage Pulse
RSAL-20R5W TDK-RSAL-20R5W Datasheet
1Mb / 7P
Compact Multipurpose Type Compatible with High-Voltage Pulse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com