Electronic Components Datasheet Search
  English  ▼

X  

WA6 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # WA6
Description  0.4mm pitch Board to Board connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WA6 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  WA6 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MB-0136-2
3/5
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Ordering Information
WA6F
**
V
A
1
T
Contact portion plating: Au
Configuration of connection:
Straight type, with exclusive reinforced
soldering
No. of contacts: 214 pos.
Series name
Connector type
F: Receptacle side with boss
Mating height 3mm
T: Absorption(heat
resistant) with tape
WA6M
**
V
A
1
T
Contact portion plating: Au
Configuration of connection:
Straight type, with exclusive reinforced
soldering
No. of contacts: 214 pos.
Series name
Connector type
M: Plug side with boss
Mating height 3mm
T: Absorption(heat
resistant) with tape
Ordering Information
Embossed tape packaging
Embossed reel type has packages containing 1800 pieces and 500 pieces.
WA6F ** V A 1 T R1800
R: Embossed tape packaging amount:
1800 pcs., 500pcs.
Part number
WA6F214VA1T
SJ Drawing
SJ101337
Specifications
JACS-10196
Part number
WA6M214VA1T
SJ Drawing
SJ101335
Specifications
JACS-10196
Part number
WA6M214VA1TR1800
WA6M214VA1TR500
SJ Drawing
SJ101336
SJ1014495
Part number
WA6F214VA1TR1800
WA6F214VA1TR500
SJ Drawing
SJ101338
SJ103857



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com