Electronic Components Datasheet Search
  English  ▼

X  

WA6 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # WA6
Description  0.4mm pitch Board to Board connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WA6 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  WA6 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WA6 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/5
MB-0136-2
July 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
No. of contacts :214 pos.
Contact resistance: 70m ohm max.
Dielectric withstanding voltage :
AC500Vr. m.s per minute
Operating temperature:
-55 Deg C to +85 Deg. C
Features
WA6 Series
0.4mm pitch Board to Board connector
General Specifications
Parallel board stacking height 3mm type low-profile design, No. of contacts: 214 pos.
Coplanarity of terminal portion held under 0.1mm.
Contacts for solder reinforcement are provided in each corner of the connector. (2
contacts x 4 corners, total 8 contacts)
Contact wiping length is 0.6mm.
Prevents solder wicking by integrated molding technology of contact and resin
mold.(Plug)
Compatible to automatic mounting
Both plug and receptacle have enough absorption surface for automatic mounting.
Products with kapton tape are available.
Available in embossed tape (width of tape; plug side: 56mm, receptacle side: 72mm)
Also available with and without a positioning boss, that secures correct positioning
when mounting.
No polar characteristics are applied to this connector.
Rated current: AC, DC each 0.3A/ per pin
Rated voltage: AC200CV
Insulation resistance: 100M ohm min.
Contact pitch: 0.4mm
< Outline >
The WA6 Series are 0.4mm pitch high density, compact connectors adapted to SMT,
for board to board (parallel board) connection with connector warpage prevention
feature, industry leading high pin counts, 214 position has been developed.
Low profile connector with 3 mm stacking height saves mounting space as much as
possible. WA6 has been employed as JEDEC standard for compact notebook PC
memory modules(214 pos., DDR2, Micro-DIMM). Best suits for high density mounting
and multi-pole interconnection of TVs and PCs interior mounting.
RoHS Compliant


Similar Part No. - WA6

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
WA60 FLEXTRAL-WA60 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
WA60-075 FLEXTRAL-WA60-075 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
WA60-100 FLEXTRAL-WA60-100 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
WA60-1000 FLEXTRAL-WA60-1000 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
WA60-125 FLEXTRAL-WA60-125 Datasheet
488Kb / 1P
WA60 Green PVC Suction
V04.21
More results

Similar Description - WA6

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
logo
SUYIN USA, INC.
600110MA SUYIN-USA-600110MA Datasheet
141Kb / 1P
0.60mm PITCH BOARD TO BOARD CONNECTOR
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
KX24 JAE-KX24 Datasheet
231Kb / 6P
0.8mm Pitch Board to Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
0.4mm pitch/ Board-to-board connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com