Electronic Components Datasheet Search
  English  ▼

X  

L6712AD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6712AD
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712AD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6712AD Datasheet HTML 3Page - STMicroelectronics L6712AD Datasheet HTML 4Page - STMicroelectronics L6712AD Datasheet HTML 5Page - STMicroelectronics L6712AD Datasheet HTML 6Page - STMicroelectronics L6712AD Datasheet HTML 7Page - STMicroelectronics L6712AD Datasheet HTML 8Page - STMicroelectronics L6712AD Datasheet HTML 9Page - STMicroelectronics L6712AD Datasheet HTML 10Page - STMicroelectronics L6712AD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7/27
L6712A L6712
REFERENCE SCHEMATIC
DEVICE DESCRIPTION
The device is an integrated circuit realized in BCD technology. It provides complete control logic and pro-
tections for a high performance dual-phase step-down converter optimized for high current DC/DC appli-
cations. It is designed to drive N-Channel Mosfets in a two-phase synchronous-rectified buck topology. A
180 deg phase shift is provided between the two phases allowing reduction in the input capacitor current
ripple, reducing also the size and the losses. The output voltage of the converter can be precisely regu-
lated, programming the VID pins, from 0.900 to 3.300V with a maximum tolerance of ±0.9% over temper-
ature and line voltage variations. The programmable Remote Sense Amplifier avoids the use of external
resistor divider allowing recovering drops across distribution lines and also adjusting output voltage to dif-
ferent values from the available reference. The device provides an average current-mode control with fast
transient response. It includes a 150kHz free-running oscillator externally adjustable through a resistor.
The error amplifier features a 15V/
µs slew rate that permits high converter bandwidth for fast transient per-
formances. Current information is read across the lower mosfets RdsON or across a sense resistor placed
in series to the LS mos in fully differential mode. The current information corrects the PWM outputs in order
to equalize the average current carried by each phase. Current sharing between the two phases is then
limited at ±10% over static and dynamic conditions unless considering the sensing element spread. Droop
effect can be programmed in order to minimize output filter and load transient response: the function can
be disabled and the current information available on the pin can be used for other purposes. The device
protects against Over-Current, with an OC threshold for each phase, entering in constant current mode.
Since the current is read across the low side mosfets, the device keeps constant the bottom of the induc-
tors current triangular waveform. When an Under Voltage is detected the device resets with all mosfets
OFF and suddenly re-starts. The device also performs a crowbar Over-Voltage protection that immediate-
ly latches the operations turning ON the lower driver and driving high the FAULT pin.
PGOOD
PGND
PGNDS2
ISEN2
LGATE2
VSEN
PHASE2
UGATE2
BOOT2
VCC
SGND
OSC / INH
VID0
VID1
VID2
REF_IN/OUT
PGNDS1
ISEN1
LGATE1
PHASE1
UGATE1
BOOT1
VCCDR
FBR
FBG
Rg
Rg
LS2
HS2
L2
C
IN
C
OUT
S1
S0
S2
Rg
LS1
L1
HS1
Vin
GNDin
PGOOD
L6712
L6712A
LOAD
Rg
FB
COMP
DROOP
R
FB
R
F
C
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com