Electronic Components Datasheet Search
  English  ▼

X  

L6712AD Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6712AD
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712AD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6712AD Datasheet HTML 19Page - STMicroelectronics L6712AD Datasheet HTML 20Page - STMicroelectronics L6712AD Datasheet HTML 21Page - STMicroelectronics L6712AD Datasheet HTML 22Page - STMicroelectronics L6712AD Datasheet HTML 23Page - STMicroelectronics L6712AD Datasheet HTML 24Page - STMicroelectronics L6712AD Datasheet HTML 25Page - STMicroelectronics L6712AD Datasheet HTML 26Page - STMicroelectronics L6712AD Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23/27
L6712A L6712
causes of instabilities are introduced jeopardizing good system behavior. One important consequence is
that the switching losses for the high side mosfet are significantly increased.
For this reason, it is suggested to have the device oriented with the driver side towards the mosfets and
the GATEx and PHASEx traces walking together toward the high side mosfet in order to minimize distance
(see Fig 16). In addition, since the PHASEx pin is the return path for the high side driver, this pin must be
connected directly to the High Side mosfet Source pin to have a proper driving for this mosfet. For the LS
mosfets, the return path is the PGND pin: it can be connected directly to the power ground plane (if imple-
mented) or in the same way to the LS mosfets Source pin. GATEx and PHASEx connections (and also
PGND when no power ground plane is implemented) must also be designed to handle current peaks in
excess of 2A (30 mils wide is suggested).
Gate resistors of few ohms help in reducing the power dissipated by the IC without compromising the sys-
tem efficiency.
The placement of other components is also important:
– The bootstrap capacitor must be placed as close as possible to the BOOTx and PHASEx pins to min-
imize the loop that is created.
– Decoupling capacitor from VCC and SGND placed as close as possible to the involved pins.
– Decoupling capacitor from VCCDR and PGND placed as close as possible to those pins. This capac-
itor sustains the peak currents requested by the low-side mosfet drivers.
– Refer to SGND all the sensible components such as frequency set-up resistor (when present) and
Remote Amplifier Divider.
– Connect SGND to PGND plane on a single point to improve noise immunity. Connect at the load side
(output capacitor) if Remote Sense is not implemented to avoid undesirable load regulation effect.
– An additional 100nF ceramic capacitor is suggested to place near HS mosfet drain. This helps in re-
ducing noise.
– PHASE pin spikes. Since the HS mosfet switches in hard mode, heavy voltage spikes can be ob-
served on the PHASE pins. If these voltage spikes overcome the max breakdown voltage of the pin,
the device can absorb energy and it can cause damages. The voltage spikes must be limited by prop-
er layout, the use of gate resistors, Schottky diodes in parallel to the low side mosfets and/or snubber
network on the low side mosfets, to a value lower than 26V, for 20ns, at FSW of 600kHz max.
Figure 16. Device orientation (left) and sense nets routing (right).
■ Sense Connections.
Remote Amplifier:
Place the external resistors near the device to minimize noise injection and refer to
SGND. The connections for these resistors (from the remote load) must be routed as parallel nets in order
to compensate losses along the output power traces and also to avoid the pick-up of any noise. Connect-
ing these pins in points far from the load will cause a non-optimum load regulation, increasing output tol-
erance.
Current Reading:
The Rg resistor has to be placed as close as possible to the ISENx and PGNDSx pins
in order to limit the noise injection into the device. The PCB traces connecting these resistors to the read-
Towards HS mosfet
(30 mils wide)
Towards LS mosfet
(30 mils wide)
Towards HS mosfet
(30 mils wide)
To LS mosfet
(or sense resistor)
To regulated output
ST L6917
To LS mosfet
(or sense resistor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com