Electronic Components Datasheet Search
  English  ▼

X  

TE90 Datasheet(PDF) 2 Page - SL Power Electronics

Part # TE90
Description  90W Single Output External Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE90 Datasheet(HTML) 2 Page - SL Power Electronics

  TE90 Datasheet HTML 1Page - SL Power Electronics TE90 Datasheet HTML 2Page - SL Power Electronics TE90 Datasheet HTML 3Page - SL Power Electronics TE90 Datasheet HTML 4Page - SL Power Electronics TE90 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TE90
90W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE90 Rev 2.1
25-APR-16
2
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
∅
Turn On Time
Less than 1 sec @115Vac, full load
Input Current
115Vac: 1.2A, 230Vac: 0.6A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 60A
Overtemperature
Protection
Will shutdown upon an over-temperature
condition, auto-recovery.
Input Fuses
F1, F2: 5A, 250Vac fuses (line & neutral lines)
provided on all models
Overload Protection
130 to 180% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
Meets US DoE Efficiency Level VI average
efficiency levels
Overvoltage
Protection
130 to 150% of output voltage (max. 60V on
48V model), hiccup mode
Output Power
90W continuous – See models chart for
specific voltage model ratings.
Isolation
Input-Output:
4000Vac
Input-Ground:
1500Vac
Output-Ground: 1500Vac
No Load Input
Power
<0.210W per DoE Efficiency Level VI
Requirements
Safety Standards
EN/CSA/UL/IEC 60950-1, 2nd Edition, Am 2
Ripple and Noise
See models chart on pg 1.
Operating
Temperature
-20°C to +70°C. Derate above 40
°C.
Output Voltage
See models chart on pg 1.
Case Temperature
Case Temperatures are within regulatory
guidelines. Care should be taken to avoid
prolonged contact with skin or other heat
sensitive surfaces.
Transient
Response
500
µs response time for return to within 0.5%
of final value for any 50% load step over the
range of 5% to 100% of rated load,
∆i/∆t<
0.2A/
µs. Max. voltage deviation is +/-3.5%.
Temperature
Derating
See Derating Chart
E-Cap Life
>7 year life based on calculations at
115Vac/60Hz & 230Vac/50Hz, ambient 25°C
at 24 hrs per day, 365 days/year, 6 power up
cycles per day. (80% load on 12V model)
MTBF
>500,000 hours, full load, 110 & 220Vac
input, 25
°C amb., per Telcordia 332 Issue 6.
Weight
600g
Storage Temperature
-40°C to +85°C
Safety Drop Test
1.4m from table top to wooden platform, 6
faces.
Altitude
Operating: to 5000m (derate to TBD temp.
above 3000m).
Non-operating: -500 to 40,000 ft.
Dimensions
W: 2.58” x L: 5.9” x H: 1.34”
W: 65.5mm x L: 150.5mm x H: 34mm
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3
axes, 10 min/axis, 1-500Hz.
Non-Oper.: random waveform, 3 minutes per
axis, 3 axes and Sine waveform, Vib.
frequency/acceleration: 10-500Hz/1g, sweep
rate of 1 octave / minutes, Vibration time of 10
sweeps / axes, 3 axes
Shock
Operating: Half-sine, 20gpk, 10mS, 3 axes,
6 shocks total
Non-Operating: Half-sine waveform, impact
acceleration of 100G, Pulse duration of 6
mS, Number of shocks: 3 for each of the
three axis
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com