Electronic Components Datasheet Search
  English  ▼

X  

TE90 Datasheet(PDF) 3 Page - SL Power Electronics

Part # TE90
Description  90W Single Output External Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE90 Datasheet(HTML) 3 Page - SL Power Electronics

  TE90 Datasheet HTML 1Page - SL Power Electronics TE90 Datasheet HTML 2Page - SL Power Electronics TE90 Datasheet HTML 3Page - SL Power Electronics TE90 Datasheet HTML 4Page - SL Power Electronics TE90 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TE90
90W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE90 Rev 2.1
25-APR-16
3
EMI/EMC Compliance
Conducted Emissions:
EN55011/CISPR22 Class B, FCC Part 15.107, Class B: 6db margin typ, at 115 and 230Vac
Radiated Emissions:
EN55022/CISPR22 Class B, FCC Part 15.109, Class B: 3db margin typ, at 115 and 230Vac
Common Mode Noise:
High Frequency (100kHz-20MHz): <40mA pk-pk
Electro-Static Discharge (ESD)
Immunity on Power ports:
EN55024/IEC61000-4-2, Level 4: +/- 8kV contact, +/- 15kV air, Criteria A
Radiated RF EM Fields Susceptibility
EN55022/EN61000-4-3, 10V/m, 80MHz-2.7GHz, 80% AM at 1kHz
Electrical Fast Transients (EFT) /Bursts:
EN55024/IEC61000-4-4, Level 4, +/- 4kV, 100Khz rep rate, 40A, Criteria A
Surges, Line to Line (Diff Mode) and Line
to GND (CMN Mode)
EN55024/IEC61000-4-5, Level 4, +/-2kV DM, +/-4kV CM, Criteria A
Conducted Disturbances induced by RF
Fields
EN55022/IEC61000-4-6, 10Vrms – Level 4, in ISM and amateur radio bands between 0.15Mhz
and 80Mhz, 80% AM at 1KHz
Rated Power frequency magnetic fields
EN55024/IEC1000-4-8, Level 4: 30 A/m, 50/60 Hz
Voltage Interruptions, Dips, Sags &
Surges
EN55024/IECEN61000-4-11:
--100% dip for 10 mS, at 0, 45, 90, 135, 180, 225, 270 and 315 degrees; 20mS at 0 degrees.
Criteria A
--100% dip for 5000mS (250/300 cycles), Criteria B
--60% dip for 100mS, Criteria B
--30% dip for 500mS, Criteria A
Harmonic Current Emissions
EN55011/EN61000-3-2, Class A
Flicker Test
EN61000-3-3
Notes: Performance criteria are based on EN55024. According to the standards, performance criteria are defined as following:
A – Normal performance during and after the test
B – Temporary degradation, self-recoverable
C – Temporary degradation, operator intervention required to recover the operation
D – Permanent damage
Derating Chart:
0
10
20
30
40
50
60
70
80
90
100
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature - ͦC
12V-24V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com