Electronic Components Datasheet Search
  English  ▼

X  

LM41 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM41
Description  Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM41 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM41 Datasheet HTML 19Page - National Semiconductor (TI) LM41 Datasheet HTML 20Page - National Semiconductor (TI) LM41 Datasheet HTML 21Page - National Semiconductor (TI) LM41 Datasheet HTML 22Page - National Semiconductor (TI) LM41 Datasheet HTML 23Page - National Semiconductor (TI) LM41 Datasheet HTML 24Page - National Semiconductor (TI) LM41 Datasheet HTML 25Page - National Semiconductor (TI) LM41 Datasheet HTML 26Page - National Semiconductor (TI) LM41 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
3.0 Application Hints (Continued)
3.1 DIODE NON-IDEALITY
3.1.1 Diode Non-Ideality Factor Effect on Accuracy
When a transistor is connected as a diode, the following
relationship holds for variables V
BE, T and If:
where:
•
q = 1.6x10
−19 Coulombs (the electron charge),
•
T = Absolute Temperature in Kelvin
•
k = 1.38x10
−23joules/K (Boltzmann’s constant),
•
η is the non-ideality factor of the process the diode is
manufactured on,
•
I
S = Saturation Current and is process dependent,
•
I
f= Forward Current through the base emitter junction
•
V
BE = Base Emitter Voltage drop
In the active region, the -1 term is negligible and may be
eliminated, yielding the following equation
In the above equation,
η and I
S are dependant upon the
process that was used in the fabrication of the particular
diode. By forcing two currents with a very controlled ration
(N) and measuring the resulting voltage difference, it is
possible to eliminate the I
S term. Solving for the forward
voltage difference yields the relationship:
The non-ideality factor,
η, is the only other parameter not
accounted for and depends on the diode that is used for
measurement. Since
∆V
BE is proportional to both
η and T,
the variations in
η cannot be distinguished from variations in
temperature. Since the non-ideality factor is not controlled by
the temperature sensor, it will directly add to the inaccuracy
of the sensor. For the Pentium III Intel specifies a ±1%
variation in
η from part to part. As an example, assume a
temperature sensor has an accuracy specification of ±3˚C at
room temperature of 25 ˚C and the process used to manu-
facture the diode has a non-ideality variation of ±1%. The
resulting accuracy of the temperature sensor at room tem-
perature will be:
T
ACC = ± 3˚C+(±1% of 298 ˚K) = ±6˚C
The additional inaccuracy in the temperature measurement
caused by
η, can be eliminated if each temperature sensor is
calibrated with the remote diode that it will be paired with.
The following table shows the variations in non-ideality for a
variety of processors.
Processor Family
η, non-ideality
Series
R
min
typ
max
Pentium II
1
1.0065 1.0173
Pentium III CPUID 67h
1
1.0065 1.0125
Pentium III CPUID
68h/PGA370Socket/Celeron
1.0057
1.008
1.0125
Pentium 4, 423 pin
0.9933 1.0045 1.0368
Pentium 4, 478 pin
0.9933 1.0045 1.0368
Pentium 4 on 0.13
micron process,
2-3.06GHz
1.0011 1.0021 1.0030 3.64
Ω
Pentium 4 on 90 nm
process
1.011
3.33
Ω
Pentium M Processor
(Centrino)
1.00151 1.00220 1.00289 3.06
Ω
MMBT3904
1.003
AMD Athlon MP model
6
1.002
1.008
1.016
3.2 PCB LAYOUT for MINIMIZING NOISE
In a noisy environment, such as a processor mother board,
layout considerations are very critical. Noise induced on
traces running between the remote temperature diode sen-
sor and the LM41 can cause temperature conversion errors.
Keep in mind that the signal level the LM41 is trying to
measure is in microvolts. The following guidelines should be
followed:
1.
Place the 100 pF and 0.1 µF power supply bypass
capacitors as close as possible to the LM41’s power pin.
Place the recommended thermal diode 100 pF capacitor
as close as possible to the LM41’s D+ and D− pins.
Make sure the traces to the thermal diode 100 pF ca-
pacitor are matched.
2.
The recommended 100 pF diode capacitor actually has
a range of 0 pF to 3.3 nF (see curve in Typical Perfor-
mance Characteristics for effect on accuracy). The av-
erage temperature accuracy will not degrade. Increasing
the capacitance will lower the corner frequency where
differential noise error affects the temperature reading
thus producing a reading that is more stable. Con-
versely, lowering the capacitance will increase the cor-
ner frequency where differential noise error affects the
temperature reading thus producing a reading that is
less stable.
20070317
FIGURE 8. Ideal Diode Trace Layout
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com