Electronic Components Datasheet Search
  English  ▼

X  

LM41 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM41
Description  Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM41 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM41 Datasheet HTML 19Page - National Semiconductor (TI) LM41 Datasheet HTML 20Page - National Semiconductor (TI) LM41 Datasheet HTML 21Page - National Semiconductor (TI) LM41 Datasheet HTML 22Page - National Semiconductor (TI) LM41 Datasheet HTML 23Page - National Semiconductor (TI) LM41 Datasheet HTML 24Page - National Semiconductor (TI) LM41 Datasheet HTML 25Page - National Semiconductor (TI) LM41 Datasheet HTML 26Page - National Semiconductor (TI) LM41 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
3.0 Application Hints (Continued)
3.
Ideally, the LM41 should be placed within 10cm of the
Processor diode pins with the traces being as straight,
short and identical as possible. Trace resistance of 0.7
Ω
can cause as much as 1˚C of error. This error can be
compensated for by adding or subtracting an offset to
the remote temperature reading(s).
4.
Diode traces should be surrounded by a GND guard ring
to either side, above and below if possible. This GND
guard should not be between the D+ and D− lines. In the
event that noise does couple to the diode lines it would
be ideal if it is coupled common mode. That is equally to
the D+ and D− lines.
5.
Avoid routing diode traces in close proximity to power
supply switching or filtering inductors.
6.
Avoid running diode traces close to or parallel to high
speed digital and bus lines. Diode traces should be kept
at least 2cm apart from the high speed digital traces.
7.
If it is necessary to cross high speed digital traces, the
diode traces and the high speed digital traces should
cross at a 90 degree angle.
8.
The ideal place to connect the LM41’s GND pin is as
close as possible to the Processors GND associated
with the sense diode.
9.
Leakage current between D+ and GND should be kept
to a minimum. Seventeen nano-amperes of leakage can
cause as much as 0.2˚C of error in the diode tempera-
ture reading (see curve in Section Typical Performance
Characteristics). Keeping the printed circuit board as
clean as possible will minimize leakage current.
The SensorPath Bus is less sensitive to noise than its pre-
decessor the SMBus due to the inherent filtering present in
the pulse-width encoding of the data. Care still needs to be
taken such that induced noise is analyzed and minimized.
SensorPath Bus corrupt data is the most common symptom
for noise coupled in SWD. A no-ACK is the symptom for
noise coupled into the Device Number Select pin (ADD). An
RC lowpass filter as well as a debouncing circuit are in-
cluded in the LM41 that filter noise spikes less than 2.5 µsec
in duration on the SWD signal.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com