Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1963 Datasheet HTML 5Page - Linear Integrated Systems LT1963 Datasheet HTML 6Page - Linear Integrated Systems LT1963 Datasheet HTML 7Page - Linear Integrated Systems LT1963 Datasheet HTML 8Page - Linear Integrated Systems LT1963 Datasheet HTML 9Page - Linear Integrated Systems LT1963 Datasheet HTML 10Page - Linear Integrated Systems LT1963 Datasheet HTML 11Page - Linear Integrated Systems LT1963 Datasheet HTML 12Page - Linear Integrated Systems LT1963 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3089
9
3089f
For more information www.linear.com/LT3089
BLOCK DIAGRAM
–
+
50µA
IN
IMON
TEMPERATURE
DEPENDENT
CURRENT SOURCE
1µA/°C
SET
ILIM
OUT 3089 BD
PROGRAMMABLE
CURRENT LIMIT
CURRENT
MONITOR
IMON = ILOAD/5000
TEMP
PIN FUNCTIONS
IN: Input. This pin supplies power to regulate internal
circuitry and supply output load current. For the device
to operate properly and regulate, the voltage on this pin
must be between the dropout voltage and 36V above the
OUT pin (depending on output load current, see Dropout
Voltage Specifications).
OUT: Output. This is the power output of the device. The
LT3089 requires a 3mA minimum load current for proper
output regulation.
TEMP: Temperature Output. This pin delivers a current
proportional to the internal average junction temperature.
Current output is 1µA/°C for temperatures above 5°C. The
TEMP pin output current typically equals 25µA at 25°C.
The output of the TEMP pin is valid for voltages from VOUT
+ 0.4V to VOUT – 40V. If unused, connect this pin to OUT.
ILIM: Current Limit Program. A resistor between this pin
and OUT programs output current limit to a level propor-
tional to resistor value. Connect this resistor directly to
OUT at the pins of the package. The typical ratio of current
limit to resistor value is 175mA/kΩ with a 300Ω offset.
If programmable current limit is not used, leave this pin
open; the internal current limit of the LT3089 is still active,
keeping the device inside safe operating limits. External
voltage drops between the current limit resistor and VOUT
will affect the current limit. Keep drops below 1mV.
IMON: Output Current Monitor. The IMON pin sources a
current typically equal to ILOAD/5000 or 200µA per amp of
output current. Terminating this pin with a resistor to GND
produces a voltage proportional to ILOAD. For example,
at ILOAD = 800mA, IMON typically sources 160µA. With
a 1k resistor to GND, this produces 160mV. The output
of the IMON pin is valid for voltages from VOUT + 0.4V to
VOUT – 40V. If unused, connect this pin to OUT.
SET: Set. This pin is the error amplifier’s noninverting
input and also sets the operating bias point of the circuit.
A fixed 50μA current source flows out of this pin. A single
external resistor programs VOUT. Output voltage range is
0V to 34.5V.
Exposed Pad/Tab: Output. The exposed pad of the DF
and FE packages and the tab of the R package are tied
internally to OUT. As such, tie them directly to OUT (Pins
1-4/Pins 1-5, 8, 9, 16/Pin 4) at the PCB. The amount of
copper area and planes connected to OUT determine the
effective thermal resistance of the packages.
NC: No Connection. No connect pins have no connection
to internal circuitry and may be tied to IN, OUT, GND or
floated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com