Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LT1963
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963 Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LT1963 Datasheet HTML 9Page - Linear Integrated Systems LT1963 Datasheet HTML 10Page - Linear Integrated Systems LT1963 Datasheet HTML 11Page - Linear Integrated Systems LT1963 Datasheet HTML 12Page - Linear Integrated Systems LT1963 Datasheet HTML 13Page - Linear Integrated Systems LT1963 Datasheet HTML 14Page - Linear Integrated Systems LT1963 Datasheet HTML 15Page - Linear Integrated Systems LT1963 Datasheet HTML 16Page - Linear Integrated Systems LT1963 Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3089
13
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
The self-inductance, or isolated inductance, of a wire is
directly proportional to its length. Wire diameter is not a
major factor on its self-inductance. For example, the self-
inductance of a 2-AWG isolated wire (diameter = 0.26") is
about half the self-inductance of a 30-AWG wire (diameter
= 0.01"). One foot of 30-AWG wire has about 465nH of
self inductance.
One of two ways reduces a wire’s self-inductance. One
method divides the current flowing towards the LT3089
between two parallel conductors. In this case, the farther
apart the wires are from each other, the more the self-
inductance is reduced; up to a 50% reduction when placed
a few inches apart. Splitting the wires basically connects
two equal inductors in parallel, but placing them in close
proximity gives the wires mutual inductance adding to
the self-inductance. The second and most effective way
to reduce overall inductance is to place both forward and
return current conductors (the input and GND wires) in
very close proximity. Two 30-AWG wires separated by
only 0.02", used as forward and return current conduc-
tors, reduce the overall self-inductance to approximately
one-fifth that of a single isolated wire.
If wiring modifications are not permissible for the applica-
tions,includingseriesresistancebetweenthepowersupply
and the input of the LT3089 also stabilizes the application.
As little as 0.1Ω to 0.5Ω, often less, is effective in damp-
ing the LC resonance. If the added impedance between
the power supply and the input is unacceptable, adding
ESR to the input capacitor also provides the necessary
damping of the LC resonance. However, the required ESR
is generally higher than the series impedance required.
Stability and Frequency Compensation for Linear
Regulator Configurations
The LT3089 does not require an output capacitor for
stability. LTC recommends an output capacitor of 10μF
with an ESR of 0.5Ω or less to provide good transient
performance in linear regulator configurations. Larger
valuesofoutputcapacitancedecreasepeakdeviationsand
provideimprovedtransientresponseforlargerloadcurrent
changes. Bypass capacitors, used to decouple individual
components powered by the LT3089, increase the effec-
tive output capacitor value. For improvement in transient
performance, place a capacitor across the voltage setting
resistor. Capacitors up to 1μF can be used. This bypass
capacitor reduces system noise as well, but start-up time
is proportional to the time constant of the voltage setting
resistor (RSET in Figure 1) and SET pin bypass capacitor.
Stability and Frequency Compensation for Current
Source Configurations
The LT3089 does not require input or output capacitors
for stability in many current-source applications. Clean,
tight PCB layouts provide a low reactance, well controlled
operating environment for the LT3089 without requiring
capacitors to frequency compensate the circuit. Figure 3
highlights the simplicity of using the LT3089 as a current
source.
Some current source applications use a capacitor con-
nected in parallel with the SET pin resistor to lower the
current source’s noise. This capacitor also provides a
soft-start function for the current source. See Quieting the
Noise section for further details. When operating without
output capacitors, the high impedance nature of the SET
pin as the input of the error amplifier allows signal from
the output to couple in, showing as high frequency ring-
ing during transients. Bypassing the SET resistor with a
capacitorintherangeof20pFto30pFdampenstheringing.
Depending on the pole introduced by a capacitor or other
complex impedances presented to the LT3089, external
compensation may be required for stability. Techniques
are discussed to achieve this in the following paragraphs.
Linear Technology strongly recommends testing stability
insituwithfinalcomponentsbeforebeginningproduction.
Although the LT3089’s design strives to be stable without
capacitors over a wide variety of operating conditions, it is
not possible to test for all possible combinations of input
and output impedances that the LT3089 will encounter.
These impedances may include resistive, capacitive, and
inductive components and may be complex distributed
networks. In addition, the current source’s value will dif-
fer between applications and its connection may be GND
referenced,powersupplyreferenced,orfloatinginasignal
line path. Linear Technology strongly recommends that
stability be tested in situ for any LT3089 application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com