Electronic Components Datasheet Search
  English  ▼

X  

LM2793 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2793
Description  Low Noise White LED Constant Current Supply with Dual Function Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2793 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2793 Datasheet HTML 2Page - National Semiconductor (TI) LM2793 Datasheet HTML 3Page - National Semiconductor (TI) LM2793 Datasheet HTML 4Page - National Semiconductor (TI) LM2793 Datasheet HTML 5Page - National Semiconductor (TI) LM2793 Datasheet HTML 6Page - National Semiconductor (TI) LM2793 Datasheet HTML 7Page - National Semiconductor (TI) LM2793 Datasheet HTML 8Page - National Semiconductor (TI) LM2793 Datasheet HTML 9Page - National Semiconductor (TI) LM2793 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Information
CIRCUIT DESCRIPTION
The LM2793 is a 1.5x CMOS charge pump that provides two
matched constant current outputs for driving up to 16mA
through high forward voltage drop White LEDs from Li-Ion
battery sources. The device has two regulated current
sources connected to the output of the device’s 1.5x loosely
regulated charge pump (P
OUT).
The device’s loosely-
regulated charge pump has both open loop and closed loop
modes of operation. When the device is in open loop, the
voltage at P
OUT is 1.5 times the voltage at the input. When
the device is in closed loop, the voltage at P
OUT is loosely
regulated to 4.9V (typ.). To set the LED drive current, the
device uses the voltage applied to the dual function
shutdown-brightness pin (SD-BRGT) to set a reference cur-
rent. This reference current is then multiplied and mirrored to
each current output. The LED brightness can be controlled
by both analog and/or digital methods. The digital technique
uses a PWM (Pulse Width Modulation) signal applied to the
SD-BRGT pin. The analog technique applies an analog volt-
age in the range of 0.7V to 2.75 to the SD-BRGT pin to vary
the LED current (see Shutdown and Brightness Control).
SOFT START
LM2793 includes a soft start function to reduce the inrush
currents and high peak current during power up of the de-
vice. Soft start is implemented internally by ramping the
reference voltage more slowly than the applied voltage.
During soft start, the switch resistances limit the inrush cur-
rent used to charge the flying and hold capacitors.
SHUTDOWN AND BRIGHTNESS CONTROL
The LM2793 has an active-low dual function shutdown-
brightness control pin, SD-BRGT. A voltage higher than
0.65V (typ.) on SD-BRGT will put the LM2793 in active
mode. Applying a voltage below 0.35V (typ.) on the SD-
BRGT pin will turn off the device, reducing the quiescent
current to 3µA (typ.).
The LM2793 has the ability to adjust LED brightness by
applying an analog voltage or a PWM signal to the SD-
BRGT pin. For constant brightness or analog brightness
control, continue with “Analog brightness control” below.
Otherwise go to “Brightness control using PWM”.
1.
Analog brightness control
The current for the dual LED outputs can be adjusted by
varying the voltage on the SD-BRGT pin. The typical
range for adjusting LED brightness is between 0.7 and
2.75V. Figure 1 shows how the current changes with
respect to the voltage applied to SD-BRGT. If full bright-
ness (16mA) is desired, the voltage on SD-BRGT should
be greater than 2.75V (typ.) but not more than V
IN.
2.
Brightness control using PWM
Increasing and decreasing the duty cycle of the PWM
signal controls the LED brightness. Zero duty cycle will
turn off the LEDs and a 50% duty cycle will result in an
average I
LED being half of the maximum LED current.
The recommended frequency range for the PWM signal
is between 100Hz and 1KHz. If the PWM frequency is
much less than 100Hz, flicker may be seen in the LEDs.
If the frequency is much higher than 1kHz, brightness in
the LEDs will not adjust linearly with duty cycle due to
the 30µs (typ.) start-up time of the device. The voltage
level for the PWM signal should be greater than 2.75V
(typ.) but not exceed the voltage on V
IN.
CAPACITOR SELECTION
The LM2793 requires 4 external capacitors for proper opera-
tion. Surface-mount multi-layer ceramic capacitors are rec-
ommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR,
≤15mΩ
typ.). Tantalum capacitors, OS-CON capacitors, and alumi-
num electrolytic capacitors are generally not recommended
for use with the LM2793 due to their high ESR, as compared
to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with the
LM2793. These capacitors have tight capacitance tolerance
(as good as ±10%), hold their value over temperature (X7R:
±15% over −55˚C to 125˚C; X5R: ±15% over −55˚C to
85˚C), and typically have little voltage coefficient. Capacitors
with Y5V or Z5U temperature characteristic are generally not
recommended for use with the LM2793. Capacitors with
these temperature characteristics typically have wide ca-
pacitance tolerance (+80%, −20%), vary significantly over
temperature (Y5V: +22%, −82% over −30˚C to +85˚C range;
Z5U: +22%, −56% over +10˚C to +85˚C range), and have
poor voltage coefficients. Under some conditions, a nominal
1µF Y5V or Z5U capacitor could have a capacitance of only
0.1µF. Such detrimental deviation is likely to cause Y5V and
Z5U capacitors to fail to meet the minimum capacitance
requirements of the LM2793. Table 1 lists suggested capaci-
tor suppliers for the typical application circuit.
TABLE 1. Ceramic Capacitor Manufacturers
Manufacturer
Contact
TDK
www.component.tdk.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
LED SELECTION
The LM2793 is designed to drive LEDs with a forward volt-
age of about 3.0V to 4.0V. The typical and maximum diode
forward voltage depends highly on the manufacturer and
their technology. Table 2 lists two suggested manufacturers.
Forward current matching is assured over the LED process
variations due to the constant current output of the LM2793.
20063607
FIGURE 1. LED Current vs. V
SD-BRGT
2 LEDs, V
DX = 3.6V, VIN = 3.6V
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com