Electronic Components Datasheet Search
  English  ▼

X  

LM2793 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2793
Description  Low Noise White LED Constant Current Supply with Dual Function Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2793 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2793 Datasheet HTML 1Page - National Semiconductor (TI) LM2793 Datasheet HTML 2Page - National Semiconductor (TI) LM2793 Datasheet HTML 3Page - National Semiconductor (TI) LM2793 Datasheet HTML 4Page - National Semiconductor (TI) LM2793 Datasheet HTML 5Page - National Semiconductor (TI) LM2793 Datasheet HTML 6Page - National Semiconductor (TI) LM2793 Datasheet HTML 7Page - National Semiconductor (TI) LM2793 Datasheet HTML 8Page - National Semiconductor (TI) LM2793 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2793
Low Noise White LED Constant Current Supply with
Dual Function Brightness Control
General Description
The LM2793 is a highly efficient, semi-regulated 1.5x CMOS
charge pump that provides dual constant current outputs.
The LM2793 has an input voltage range of 2.7V to 5.5V.
To control LED brightness, the amount of current driven to
the current-mode outputs can be adjusted with an analog
voltage and/or a pulse-width-modulated (PWM) square
wave.
Pre-regulation of the charge pump minimizes conducted
noise on the input. Combined with a fixed switching fre-
quency of 500kHz, the LM2793 is a low-noise solution.
The LM2793 is available in a 10-pin Leadless Lead-frame
package: LLP-10.
Features
n
Two Regulated Current Outputs, up to 16mA Each,
Matched to Within ±0.3% (typ.)
n
High Efficiency, 1.5x Regulated Charge Pump
n
Input Voltage Range: 2.7V to 5.5V
n
Soft Start Limits Inrush Current
n
Analog Voltage Brightness Control
n
PWM Brightness Control
n
Very Small Solution Size - NO INDUCTOR
n
500kHz Switching Frequency
n
3µA (typ.) Shutdown Current
n
LLP-10 Package: 3.0mm X 3.0mm X 0.8mm
Applications
n
White LED Display Backlights
n
White LED Keypad Backlights
n
1-Cell LiIon Battery-Operated Equipment Including
PDAs, Hand-held PCs, Cellular Phones
n
Flat Panel Displays
Typical Application Circuit
20063602
February 2003
© 2003 National Semiconductor Corporation
DS200636
www.national.com


Similar Part No. - LM2793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2793 TI1-LM2793 Datasheet
281Kb / 12P
Low Noise White LED Constant Current Supply with Dual Function Brightness Control
More results

Similar Description - LM2793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
Low-Dropout, Constant-Current White LED Bias Supply
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
Low-Dropout, Constant-Current White LED Bias Supply
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
Low-Dropout, Constant-Current White LED with Channel Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
LM2793 TI1-LM2793 Datasheet
281Kb / 12P
Low Noise White LED Constant Current Supply with Dual Function Brightness Control
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com