Electronic Components Datasheet Search
  English  ▼

X  

LM4859 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4859
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4859 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4859 Datasheet HTML 6Page - National Semiconductor (TI) LM4859 Datasheet HTML 7Page - National Semiconductor (TI) LM4859 Datasheet HTML 8Page - National Semiconductor (TI) LM4859 Datasheet HTML 9Page - National Semiconductor (TI) LM4859 Datasheet HTML 10Page - National Semiconductor (TI) LM4859 Datasheet HTML 11Page - National Semiconductor (TI) LM4859 Datasheet HTML 12Page - National Semiconductor (TI) LM4859 Datasheet HTML 13Page - National Semiconductor (TI) LM4859 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Control Interface Electrical Characteristics (Notes 1, 2) (Continued)
The following specifications apply for V
DD = 5V and VDD = 3V and 2.5V
≤ I2CV
DD
≤ 5.5V, unless otherwise specified. Limits
apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4859
Units
(Limits)
Typical
(Note 6)
Limits (Notes
7, 8)
V
IH
Digital Input High Voltage
0.7 x I
2CVDD
V (min)
V
IL
Digital Input Low Voltage
0.3 x I
2CV
DD
V (max)
Note 1: All voltages are measured with respect to the GND pin unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX =(TJMAX -TA)/ θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4859 operating in Mode
3, 8, or 13 with VDD =5V, 8Ω stereo loudspeakers and 32Ω stereo headphones, the total power dissipation is 1.348W. θJA = 62˚C/W.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF-240pF discharged through all pins.
Note 6: Typicals are measured at +25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: Shutdown current and supply current are measured in a normal room environment. All digital input pins are connected to I2CVDD.
Note 10: The given
θA is for an LM4859SP mounted on a PCB with a 2in2 area of 10z printed circuit board ground plane.
Note 11: “0dB gain” refers to the volume control gain setting of MIN,LIN, and RIN set at 0dB.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com