Electronic Components Datasheet Search
  English  ▼

X  

LM4859 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4859
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4859 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4859 Datasheet HTML 15Page - National Semiconductor (TI) LM4859 Datasheet HTML 16Page - National Semiconductor (TI) LM4859 Datasheet HTML 17Page - National Semiconductor (TI) LM4859 Datasheet HTML 18Page - National Semiconductor (TI) LM4859 Datasheet HTML 19Page - National Semiconductor (TI) LM4859 Datasheet HTML 20Page - National Semiconductor (TI) LM4859 Datasheet HTML 21Page - National Semiconductor (TI) LM4859 Datasheet HTML 22Page - National Semiconductor (TI) LM4859 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Application Information
TABLE 1. Chip Address
A7
A6
A5
A4
A3
A2
A1
A0
Chip Address
111110
EC
0
ADR = 0
1111100
0
ADR = 1
1111101
0
EC - externally configured by ADR pin
TABLE 2. Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
Mono Volume control
0
0
0
MD4
MD3
MD2
MD1
MD0
Left Volume control
0
1
LD5
LD4
LD3
LD2
LD1
LD0
Right Volume control
1
0
RD5
RD4
RD3
RD2
RD1
RD0
Mode control
1
1
CD5
0
CD3
CD2
CD1
CD0
201061F5
FIGURE 2. I
2C Bus Format
201061F4
FIGURE 3. I
2C Timing Diagram
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com